Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1DA Datasheet(PDF) 2 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M1DA
Description  2 STATES EN/DECODER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M1DA Datasheet(HTML) 2 Page - MOSDESIGN SEMICONDUCTOR CORP

  M1DA Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M1DA Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M1DA Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 STATES EN/DECODER
2 態編/解碼 IC
2/3
2008-09-09
EN/DECODER
M1EA/DA/FA
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
EN/DE
編/解碼
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
APPLICATION DIAGRAM 參考電路圖
* CHIP FORM
* Rosc~M1EA:270 KΩ, M1DA/FA=270 KΩ
* All specs and applications shown above subject to change without prior notice.
( 以上電路及規格僅供參考,本公司得逕行修正 )
A11/D3
TE
A5
A0
A1
A2
A3
A4
A6
A7
VSS
Y
X
VDD
DO
Rosc
IR / RF
A10/D2
A9/D1
A8/D0
M1EA
底=VDD
1.80 X 1.81 mm
2
M1DA/FA
底=VDD
2.60 X 2.60 mm
2
VSS
IR / RF
A0
VDD
VT
X
Y
Rosc
DIN
D3/A11
D1/A9
D0/A8
D2/A10
A1
A5
A2
A3
A4
A6
A7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com