Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1DA Datasheet(PDF) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M1DA
Description  2 STATES EN/DECODER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M1DA Datasheet(HTML) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

  M1DA Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M1DA Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M1DA Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2 STATES EN/DECODER
2 態編/解碼 IC
1/3
2008-09-09
EN/DECODER
M1EA/DA/FA
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
EN/DE
編/解碼
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FEATURES 功能敘述
‧ M1DA:Momentary DATA ─ suffix-M.
‧ M1EA:Direct Data Transmit ─ suffix-H:switch to VDD.
‧ S.O.Package 20P ─ suffix-S.
APPLICATION 產品應用
‧ Security alarm, Remote control. 防盜系統, 任何遙控裝置.
ELECTRICAL CHARACTERISTICS 電氣規格
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作電壓 Operating Voltage
V
DD
2.4
─
12
V
工作電流 Operating Current
I
OP
─
0.1
1
mA
No load
靜態電流 Quiescent Current
I
SB
─
0.1
0.5
μA
推動電流 Driving Current
I
OL
─
2
─
mA
@V
DS=1.2V
振盪頻率 Oscillator Frequency
F
OSC
─
76
─
KHz
External±30%
工作溫度 Operating Temperature
Temp.
-20
25
70
℃
APPLICATION DIAGRAM 參考電路圖
* Rosc~M1EA:270 KΩ, M1DA/FA=270 KΩ
* All specs and applications shown above subject to change without prior notice.
( 以上電路及規格僅供參考,本公司得逕行修正 )
BIT FORMAT
"1"
"0"
DATA
PROTOCOL
TE
DO
VT
D0~3
T
T
T
A5
A0
A1
A2
A3
A4
A6
A7
VSS
A11/D3
VDD
DO
X
Y
TE
A10/D2
A9/D1
A8/D0
IR / RF
Rosc
M1EA
118
910
A5
A0
A1
A2
A3
A4
A6
A7
VSS
VDD
VT
Y
X
D3/A11
D2/A10
D1/A9
D0/A8
DIN
IR / RF
Rosc
M1DA/FA
118
910
M1EA-S
A5
A0
A1
A2
A3
A4
A6
A7
VSS
VDD
DO
X
Y
A11/D3
TE
A10/D2
A9/D1
A8/D0
120
10
11
M1DA/FA-S
A5
A0
A1
A2
A3
A4
A6
A7
VSS
VDD
VT
X
Y
D3/A11
D2/A10
D1/A9
D0/A8
120
10
11
DIN


Similar Part No. - M1DA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1DA ETC1-M1DA Datasheet
35Kb / 3P
SAME Rosc in EN/DE S.O.DIP
logo
MOSDESIGN SEMICONDUCTOR...
M1DA MOSDESIGN-M1DA Datasheet
158Kb / 3P
2 STATES EN/DECODER
2008-10-08
More results

Similar Description - M1DA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM45026 ETC-DM45026 Datasheet
43Kb / 5P
3 STATES ENCODER
M1EA-S ETC1-M1EA-S Datasheet
50Kb / 6P
2 STATES ENCODER
SD7017 ETC1-SD7017 Datasheet
1Mb / 7P
2-STATE ENCODER / DECODER
M5E ETC1-M5E Datasheet
191Kb / 8P
3 STATES ENCODER
M3EB ETC2-M3EB Datasheet
89Kb / 7P
3 STATES ENCODER
M318E ETC2-M318E Datasheet
142Kb / 5P
3 STATES ENCODER
logo
Peregrine Semiconductor...
PE43204 PEREGRINE-PE43204 Datasheet
336Kb / 8P
RF Digital Attenuator 2-bit; 0,6,12, and 18 dB States
logo
Moxa Inc.
TN-G4500 MOXA-TN-G4500 Datasheet
615Kb / 5P
EN 50155 layer 2 multi-Gigabit switches
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00 Datasheet
774Kb / 6P
Meet railway industry EN 50155 / EN 50121-3-2 and AREMA standards
logo
MOSDESIGN SEMICONDUCTOR...
M1E MOSDESIGN-M1E Datasheet
158Kb / 3P
2 STATES EN/DECODER
2008-10-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com