Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C4M4F0 Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS4C4M4F0
Description  5V 4M횞4 CMOS DRAM (Fast Page mode)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M4F0 Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS4C4M4F0 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C4M4F0 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M4F0 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M4F0 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M4F0 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M4F0 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M4F0 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M4F0 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C4M4F0 Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
4/11/01; v.0.9
Alliance Semiconductor
P. 6 of 18
AS4C4M4F0
AS4C4M4F1
®
Write cycle
Read-modify-write cycle
Refresh cycle
Symbol
Parameter
-50
-60
Unit
Notes
Min
Max
Min
Max
tWCS
Write command setup time
0
–
0
–
ns
11
tWCH
Write command hold time
10
–
10
–
ns
11
tWP
Write command pulse width
10
–
10
–
ns
tRWL
Write command to RAS lead time
10
–
10
–
ns
tCWL
Write command to CAS lead time
8
–
10
–
ns
tDS
Data-in setup time
0
–
0
–
ns
12
tDH
Data-in hold time
8
–
10
–
ns
12
Symbol
Parameter
-50
-60
Unit
Notes
Min
Max
Min
Max
tRWC
Read-write cycle time
113
–
135
–
ns
tRWD
RAS to WE delay time
67
–
77
–
ns
11
tCWD
CAS to WE delay time
32
–
35
–
ns
11
tAWD
Column address to WE delay time
42
–
47
–
ns
11
Symbol
Parameter
-50
-60
Unit
Notes
Min
Max
Min
Max
tCSR
CAS setup time (CAS-before-RAS)5
–
5
–
ns
3
tCHR
CAS hold time (CAS-before-RAS)8
–
10
–
ns
3
tRPC
RAS precharge to CAS hold time
0
–
0
–
ns
tCPT
CAS precharge time
(CBR counter test)
10
10
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com