Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C4M4F0 Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS4C4M4F0
Description  5V 4M횞4 CMOS DRAM (Fast Page mode)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M4F0 Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS4C4M4F0 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M4F0 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M4F0 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M4F0 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M4F0 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M4F0 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M4F0 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C4M4F0 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C4M4F0 Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AS4C4M4F0
AS4C4M4F1
4/11/01; v.0.9
Alliance Semiconductor
P. 7 of 18
®
Fast page mode cycle
Output enable
Self refresh cycle
Symbol
Parameter
-50
-60
Unit
Notes
Min
Max
Min
Max
tCPA
Access time from CAS precharge
–
28
–
35
13
tRASP
RAS
pulse width
50
100K
60
100K
tPC
Read-write cycle time
30
–
35
–
tCP
CAS
precharge time (fast page)
10
–
10
–
tPCM
Fast page mode RMW cycle
80
–
85
–
tCRW
Page mode CAS pulse width (RMW)
12
–
15
–
Symbol
Parameter
-50
-60
Unit
Notes
Min
Max
Min
Max
tCLZ
CAS to output in Low Z
0
–
0
–
ns
8
tROH
RAS hold time referenced to OE
8–
10
–
ns
tOEA
OE access time
–
13
–
15
ns
tOED
OE to data delay
13
–
15
–
ns
tOEZ
Output buffer turnoff delay from OE
0130
15
ns
8
tOEH
OE command hold time
10
–
10
–
ns
tOLZ
OE to output in Low Z
0
–
0
–
ns
tOFF
Output buffer turn-off time
0
13
0
15
ns
8,10
Std
Symbol
Parameter
-50
-60
Unit
Notes
MinMax
MinMax
tRASS
RAS pulse width
(CBR self refresh)
100–100–
µs
tRPS
RAS precharge time
(CBR self refresh)
90
–
105
–
ns
tCHS
CAS
hold time
(CBR self refresh)
8–
10
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com