Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3313 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3313
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3313 Datasheet HTML 3Page - Analog Devices LTC3313 Datasheet HTML 4Page - Analog Devices LTC3313 Datasheet HTML 5Page - Analog Devices LTC3313 Datasheet HTML 6Page - Analog Devices LTC3313 Datasheet HTML 7Page - Analog Devices LTC3313 Datasheet HTML 8Page - Analog Devices LTC3313 Datasheet HTML 9Page - Analog Devices LTC3313 Datasheet HTML 10Page - Analog Devices LTC3313 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC3313
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
IN = 3.3V, TA = 25°C, unless otherwise noted.
Soft-Start Tracking
VIN Quiescent Current
VIN Shutdown Current
Switch Current Limit
UV PGOOD Threshold
OV PGOOD Threshold
Minimum On-Time
SSTT VOLTAGE (mV)
0
100
200
300
400
500
600
0
100
200
300
400
500
600
3313 G18
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
0.5
1.0
1.5
2.0
2.5
3313 G19
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
3313 G20
PMOS ILIMIT
NMOS ILIMIT
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
12
13
14
15
16
17
18
19
20
21
22
23
24
3313 G21
VFB RISING
VFB FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
3313 G22
VFB RISING
VFB FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
3313 G23
VIN = 5.5V
VIN = 3.3V
VIN = 2.25V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
10
20
30
40
50
60
70
80
3313 G24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com