Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3313 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC3313
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC3313 Datasheet HTML 4Page - Analog Devices LTC3313 Datasheet HTML 5Page - Analog Devices LTC3313 Datasheet HTML 6Page - Analog Devices LTC3313 Datasheet HTML 7Page - Analog Devices LTC3313 Datasheet HTML 8Page - Analog Devices LTC3313 Datasheet HTML 9Page - Analog Devices LTC3313 Datasheet HTML 10Page - Analog Devices LTC3313 Datasheet HTML 11Page - Analog Devices LTC3313 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC3313
8
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Waveforms
Pulse-Skipping Mode
Switching Waveforms
Forced Continuous Mode
Load Transient Response
Pulse-Skipping Mode
Load Transient Response
Forced Continuous Mode
Start-Up Waveforms
Pulse-Skipping Mode
Start-Up Waveforms
Forced Continuous Mode
3.3V TO 1.2V, 2MHz, ILOAD = 1mA
500µs/DIV
EN
2V/DIV
VOUT
1V/DIV
PGOOD
5V/DIV
IL
2A/DIV
3313 G25
3.3V TO 1.2V, 2MHz, ILOAD = 1mA
500µs/DIV
EN
2V/DIV
VOUT
1V/DIV
PGOOD
5V/DIV
IL
2A/DIV
3313 G26
3.3V TO 1.2V, 2MHz, ILOAD = 200mA
200ns/DIV
SW
2V/DIV
VOUT
5mV/DIV
IL
1A/DIV
3313 G27
3.3V TO 1.2V, 2MHz, ILOAD = 200mA
200ns/DIV
SW
2V/DIV
VOUT
5mV/DIV
IL
2A/DIV
3313 G28
3.3V TO 1.2V, fSW = 2MHz, L = 80nH
COUT = 22µF ×6, 0805, X7R
LOAD STEP: 0.1A TO 7.5A IN 1µs
10µs/DIV
VOUT
50mV/DIV
ILOAD
5A/DIV
3313 G29
3.3V TO 1.2V, fSW = 2MHz, L = 80nH
COUT = 22µF ×6, 0805, X7R
LOAD STEP: 0.1A TO 7.5A IN 1µs
10µs/DIV
VOUT
50mV/DIV
ILOAD
5A/DIV
3313 G30
VIN = 3.3V, TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com