Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2864 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC2864
Description  ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2864 Datasheet(HTML) 4 Page - Analog Devices

  LTC2864 Datasheet HTML 1Page - Analog Devices LTC2864 Datasheet HTML 2Page - Analog Devices LTC2864 Datasheet HTML 3Page - Analog Devices LTC2864 Datasheet HTML 4Page - Analog Devices LTC2864 Datasheet HTML 5Page - Analog Devices LTC2864 Datasheet HTML 6Page - Analog Devices LTC2864 Datasheet HTML 7Page - Analog Devices LTC2864 Datasheet HTML 8Page - Analog Devices LTC2864 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2862A
4
Rev. A
For more information www.analog.com
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RIN
Receiver Input Resistance
0 ≤ VCC ≤ 5.5V, VIN = –25V or 25V (Figure 3)
112
kΩ
VCM
Receiver Common Mode Input Voltage
(A + B)/2
l
–25
25
V
VTH+
Positive Differential Input Signal Threshold
Voltage (A – B)
–25V ≤ VCM ≤ 25V
l
125
200
mV
VTH–
Negative Differential Input Signal Threshold
Voltage (A – B)
–25V ≤ VCM ≤ 25V
l
–200
–125
mV
ΔVTH
Differential Input Signal Hysteresis
(VTH+ – VTH–)
VCM = 0V
250
mV
VTFS
Differential Input Failsafe Threshold Voltage –25V ≤ VCM ≤ 25V
l
–200
–75
–10
mV
ΔVTFS
Differential Input Failsafe Hysteresis
(VTFS – VTH–)
VCM = 0V
50
mV
VOH
Receiver Output High Voltage
I(RO) = –3mA (Sourcing)
l
VCC –0.4V VCC –0.2V
V
VOL
Receiver Output Low Voltage
I(RO) = 3mA (Sinking)
l
0.2
0.4
V
IOZR
Receiver Three-State (High Impedance)
Output Current on RO
RE = High, VCC = 5V, RO = 0V or VCC
l
–32
5
µA
IOSR
Receiver Short-Circuit Current
RE = Low, RO = 0V or VCC
l
±20
mA
CIN
Input Capacitance (A and B)
(Note 5)
50
pF
Logic
VTH
Input Threshold Voltage (DE, DI, RE)
3.0 ≤ VCC ≤ 5.5V
l
0.33 • VCC
0.67 • VCC
V
IINL
Logic Input Current (DE, DI, RE)
0 ≤ VIN ≤ VCC
l
0
±5
µA
ESD (Note 5)
ESD Protection Level of Interface Pins
(A,B), Powered or Unpowered
Human Body Model, A or B to GND,
VCC, B or A, 1μF Between VCC and GND
±40kV
kV
IEC 61000-4-2 ESD Level 4, Contact, 1μF
Between VCC and GND
±8kV
kV
ESD Protection Level of All Other Pins
(RO, RE, DE, DI, VCC, GND)
Human Body Model
±15kV
kV
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com