Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2864 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC2864
Description  ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2864 Datasheet(HTML) 3 Page - Analog Devices

  LTC2864 Datasheet HTML 1Page - Analog Devices LTC2864 Datasheet HTML 2Page - Analog Devices LTC2864 Datasheet HTML 3Page - Analog Devices LTC2864 Datasheet HTML 4Page - Analog Devices LTC2864 Datasheet HTML 5Page - Analog Devices LTC2864 Datasheet HTML 6Page - Analog Devices LTC2864 Datasheet HTML 7Page - Analog Devices LTC2864 Datasheet HTML 8Page - Analog Devices LTC2864 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC2862A
3
Rev. A
For more information www.analog.com
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
AUTOMOTIVE PRODUCTS**
LTC2862AIS8-1#WPBF
LTC2862AIS8-1#WTRPBF
2862A1
8-Lead (150mil) Plastic SO
–40°C to 85°C
LTC2862AIS8-2#WPBF
LTC2862AIS8-2#WTRPBF
2862A1
8-Lead (150mil) Plastic SO
–40°C to 85°C
LTC2862AHS8-1#WPBF
LTC2862AHS8-1#WTRPBF
2862A1
8-Lead (150mil) Plastic SO
–40°C to 125°C
LTC2862AHS8-2#WPBF
LTC2862AHS8-2#WTRPBF
2862A1
8-Lead (150mil) Plastic SO
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
VCC
Primary Power Supply
l
3
5.5
V
ICCS
Supply Current in Shutdown Mode
(C-, I-Grade)
DE = 0V, RE = VCC
l
0
10
µA
Supply Current in Shutdown Mode
(H-, MP-Grade)
DE = 0V, RE = VCC
l
0
40
µA
ICCTR
Supply Current with Both Driver and
Receiver Enabled (LTC2862A-1)
No Load, DE = VCC, RE = 0V
l
1.1
1.6
mA
ICCR
Supply Current with Receiver Enabled
(LTC2862A-1)
No Load, DE = RE = 0V
l
1.0
1.4
mA
ICCTRS
Supply Current with Both Driver and
Receiver Enabled (LTC2862A-2)
No Load, DE = VCC, RE = 0V
l
3.5
8
mA
ICCRS
Supply Current with Receiver Enabled
(LTC2862A-2)
No Load, DE = RE = 0V
l
1.3
1.8
mA
Driver
|VOD|
Differential Driver Output Voltage
R = ∞ (Figure 1)
l
1.5
3
VCC
V
R = 27Ω (Figure 1)
l
1.5
2
5
V
R = 50Ω (Figure 1)
l
2
2.3
VCC
V
Δ|VOD|
Change in Magnitude of Driver Differential
Output Voltage
R = 27Ω or 50Ω (Figure 1)
l
0
0.2
V
VOC
Driver Common-Mode Output Voltage
R = 27Ω or 50Ω (Figure 1)
l
2
3
V
Δ|VOC|
Change in Magnitude of Driver
Common-Mode Output Voltage
R = 27Ω or 50Ω (Figure 1)
l
0
0.2
V
IOSD
Maximum Driver Short-Circuit Current
–60V ≤ (A or B) ≤ 60V (Figure 2)
l
±150
±250
mA
Receiver
IIN
Receiver Input Current (A, B)
VCC = 0V or 3.3V, VIN = 12V (Figure 3)
l
143
µA
VCC = 0V or 3.3V, VIN = –7V (Figure 3)
l
–100
µA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com