Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LATBT66B Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LATBT66B
Description  Enhanced optical Power LED (HOP2000 / ATON짰)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LATBT66B Datasheet(HTML) 2 Page - OSRAM GmbH

  LATBT66B Datasheet HTML 1Page - OSRAM GmbH LATBT66B Datasheet HTML 2Page - OSRAM GmbH LATBT66B Datasheet HTML 3Page - OSRAM GmbH LATBT66B Datasheet HTML 4Page - OSRAM GmbH LATBT66B Datasheet HTML 5Page - OSRAM GmbH LATBT66B Datasheet HTML 6Page - OSRAM GmbH LATBT66B Datasheet HTML 7Page - OSRAM GmbH LATBT66B Datasheet HTML 8Page - OSRAM GmbH LATBT66B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2002-05-24
2
LATB T66B
Anm.: -78 gesamter Farbbereich, Lieferung in Einzelgruppen (siehe Seite 5)
Die Standardlieferform von Serientypen beinhaltet eine Familiengruppe. Einzelne Gruppen sind
nicht erhältlich.
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe pro Farbe enthalten.
Dimmverhältnis im Gleichstrom-Betrieb max. 5:1 für amber
Note: -78 Total color tolerance range, delivery in single groups (please see page 5)
The standard shipping format for serial types includes a family group. Individual groups are not
available.
No packing unit / tape ever contains more than one luminous intensity group per color.
Dimming range for direct current mode max. 5:1 for amber
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous Intensity
I
F = 20 mA
I
V (mcd)
amber
true green
blue
LATB T66B
amber
true green
blue
colorless diffused
and
black painted
package surface
180 ... 450
180 ... 450
45 ... 112
Bestell - Information
Ordering Information
Typ
Type
Bestellnummer
Ordering Code
LATB T66B-ST-1+ST-78+PQ-1
LATB T66B-ST-1+ST-7+PQ-1
LATB T66B-ST-1+ST-8+PQ-1
Q65110-A0152
Q65110-A0181
Q65110-A0182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com