Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LATBT66B Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LATBT66B
Description  Enhanced optical Power LED (HOP2000 / ATON짰)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LATBT66B Datasheet(HTML) 5 Page - OSRAM GmbH

  LATBT66B Datasheet HTML 1Page - OSRAM GmbH LATBT66B Datasheet HTML 2Page - OSRAM GmbH LATBT66B Datasheet HTML 3Page - OSRAM GmbH LATBT66B Datasheet HTML 4Page - OSRAM GmbH LATBT66B Datasheet HTML 5Page - OSRAM GmbH LATBT66B Datasheet HTML 6Page - OSRAM GmbH LATBT66B Datasheet HTML 7Page - OSRAM GmbH LATBT66B Datasheet HTML 8Page - OSRAM GmbH LATBT66B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LATB T66B
2002-05-24
5
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von ±11 % ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and a tolerance of ±11 %.
1) Wellenlängengruppen / Wavelength groups
Gruppe
Group
true green
Einheit
Unit
min.
max.
7
519
528
nm
8
528
537
nm
Lichtgruppe
Luminous
Intensity
Group
Lichtstärke
Luminous
Intensity
I
V (mcd)
Lichtstrom
Luminous
Flux
Φ
V (mlm)
Lichtstärke
Luminous
Intensity
I
V (mcd)
Lichtstrom
Luminous
Flux
Φ
V (mlm)
Lichtstärke
Luminous
Intensity
I
V (mcd)
Lichtstrom
Luminous
Flux
Φ
V (mlm)
amber
true green
blue
S+S+P
S+S+Q
S+T+P
S+T+Q
T+S+P
T+S+Q
T+T+P
T+T+Q
180 ... 280
180 ... 280
180 ... 280
180 ... 280
280 ... 450
280 ... 450
280 ... 450
280 ... 450
680 (typ.)
680 (typ.)
680 (typ.)
680 (typ.)
1075 (typ.)
1075 (typ.)
1075 (typ.)
1075 (typ.)
180 ... 280
180 ... 280
280 ... 450
280 ... 450
180 ... 280
180 ... 280
280 ... 450
280 ... 450
680 (typ.)
680 (typ.)
1075 (typ.)
1075 (typ.)
680 (typ.)
680 (typ.)
1075 (typ.)
1075 (typ.)
45 ...
71
71 ... 112
45 ...
71
71 ... 112
45 ...
71
71 ... 112
45 ...
71
71 ... 112
95 (typ.)
270 (typ.)
95 (typ.)
270 (typ.)
95 (typ.)
270 (typ.)
95 (typ.)
270 (typ.)
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: T-1+S-7+P-1
Example: T-1+S-7+P-1
Lichtgruppe
Luminous
Intensity
Group
(amber)
Wellenlänge
(keine
Gruppierung)
Wavelength
(no grouping)
(amber)
Lichtgruppe
Luminous
Intensity
Group
(true green)
Wellenlänge
Wavelength
(true green)
Lichtgruppe
Luminous
Intensity
Group
(blue)
Wellenlänge
(keine
Gruppierung)
Wavelength
(no grouping)
(blue)
T1
S
7
P
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com