Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G79 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AHC1G79
Description  Single D-type flip-flop; positive-edge trigger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G79 Datasheet(HTML) 4 Page - NXP Semiconductors

  74AHC1G79 Datasheet HTML 1Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 2Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 3Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 4Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1999 May 18
4
Philips Semiconductors
Product specification
Single D-type flip-flop; positive-edge trigger
74AHC1G79;
74AHCT1G79
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Above 55
°C the value of PD derates linearly with 2.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
74AHC1G
74AHCT1G
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
DC supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
−
5.5
0
−
5.5
V
VO
output voltage
0
−
VCC
0
−
VCC
V
Tamb
operating ambient
temperature range
see DC and AC
characteristics per
device
−40
+25
+85
−40
+25
+85
°C
tr, tf (∆t/∆f)
input rise and fall times
except for
Schmitt-trigger inputs
VCC = 3.3 V ±0.3 V
−−
100
−−−
ns/V
VCC =5V ±0.5 V
−−
20
−−
20
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC supply voltage
−0.5
+7.0
V
VI
input voltage range
−0.5
+7.0
V
IIK
DC input diode current
VI < −0.5
−−20
mA
IOK
DC output diode current
VO < −0.5 or VO >VCC + 0.5 V; note 1
−±20
mA
IO
DC output source or sink current
−0.5V<VO <VCC + 0.5 V
−±25
mA
ICC
DC VCC or GND current
−±75
mA
Tstg
storage temperature
−65
+150
°C
PD
power dissipation per package
temperature range:
−40 to +85 °C;
note 2
−
200
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com