Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G79 Datasheet (PDF) - NXP Semiconductors

74AHC1G79 Datasheet PDF - NXP Semiconductors
Part # 74AHC1G79
Download  74AHC1G79 Download
File Size   83.59 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Single D-type flip-flop; positive-edge trigger

74AHC1G79 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC1G79 Datasheet PDF - NXP Semiconductors

Part # 74AHC1G79
Download  74AHC1G79 Click to download

File Size   83.59 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Single D-type flip-flop; positive-edge trigger

74AHC1G79 Datasheet (HTML) - NXP Semiconductors


74AHC1G79 Product details

DESCRIPTION

The 74AHC1G/AHCT1G79 is a high-speed Si-gate CMOS device. The 74AHC1G/AHCT1G79 provides a single positive-edge triggered D-type flip-flop. Information on the data input is

transferred to the Q output on the LOW-to-HIGH transition of the clock pulse. The D input must be stable one set-up time prior to the LOW-to-HIGH clock transition for predictable operation.



FEATURES

• Symmetrical output impedance

• High noise immunity

• ESD protection:

HBM EIA/JESD22-A114-A exceeds 2000 V;

MM EIA/JESD22-A115-A exceeds 200 V

• Low power dissipation

• Balanced propagation delays

• Very small 5 pin package

• Output capability: standard.




Similar Part No. - 74AHC1G79

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G79 NXP-74AHC1G79 Datasheet
82Kb / 12P
Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
74AHC1G79 NXP-74AHC1G79 Datasheet
82Kb / 12P
Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHC1G79 NEXPERIA-74AHC1G79 Datasheet
218Kb / 12P
Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
74AHC1G79-Q100 NEXPERIA-74AHC1G79-Q100 Datasheet
721Kb / 14P
Single D-type flip-flop; positive-edge trigger
74AHC1G79-Q100 NEXPERIA-74AHC1G79-Q100 Datasheet
242Kb / 13P
Single D-type flip-flop; positive-edge trigger
Rev. 6 13 November 2024
More results


Similar Description - 74AHC1G79

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
74LVC1G80 PANASONIC-74LVC1G80 Datasheet
99Kb / 18P
Single D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74LVC1G79 NXP-74LVC1G79 Datasheet
89Kb / 16P
Single D-type flip-flop; positive-edge trigger
Rev. 07-29 August 2007
74AHC1G79GW125 NXP-74AHC1G79GW125 Datasheet
82Kb / 12P
Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHC1G79-Q100 NEXPERIA-74AHC1G79-Q100 Datasheet
721Kb / 14P
Single D-type flip-flop; positive-edge trigger
74LVC1G80-Q100 NEXPERIA-74LVC1G80-Q100 Datasheet
796Kb / 15P
Single D-type flip-flop; positive-edge trigger
74LVC1G79-Q100 NEXPERIA-74LVC1G79-Q100 Datasheet
794Kb / 15P
Single D-type flip-flop; positive-edge trigger
74AHCAHC1G79-Q100 NEXPERIA-74AHCAHC1G79-Q100 Datasheet
218Kb / 12P
Single D-type flip-flop; positive-edge trigger
Rev. 4 - 11 January 2022
74AHCT1G79 NEXPERIA-74AHCT1G79 Datasheet
218Kb / 12P
Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
74LVC1G80 NEXPERIA-74LVC1G80 Datasheet
277Kb / 19P
Single D-type flip-flop; positive-edge trigger
Rev. 15 - 29 March 2022
74LVC1G79 NEXPERIA-74LVC1G79 Datasheet
275Kb / 19P
Single D-type flip-flop; positive-edge trigger
Rev. 14 - 29 March 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com