Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G79 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC1G79 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC1G79
Download  74LVC1G79 Download
File Size   275.95 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single D-type flip-flop; positive-edge trigger

74LVC1G79 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G79 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC1G79
Download  74LVC1G79 Click to download

File Size   275.95 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single D-type flip-flop; positive-edge trigger

74LVC1G79 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC1G79 Product details

1. General description
The 74LVC1G79 is a single positive-edge triggered D-type flip-flop. Data at the D-input that meets
the set-up and hold time requirements on the LOW-to-HIGH clock transition will be stored in the
flip-flop and appear at the Q output. Inputs can be driven from either 3.3 V or 5 V devices. This
feature allows the use of these devices as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• CMOS low power dissipation
• ±24 mA output drive (VCC = 3.0 V)
• Direct interface with TTL levels
• Latch-up performance exceeds 250 mA
• IOFF circuitry provides partial Power-down mode operation
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD36 (4.5 V to 5.5 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C.




Similar Part No. - 74LVC1G79

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G79 PHILIPS-74LVC1G79 Datasheet
97Kb / 18P
Single D-type flip-flop; positive-edge trigger
2004 Sep 10
74LVC1G79 NXP-74LVC1G79 Datasheet
89Kb / 16P
Single D-type flip-flop; positive-edge trigger
Rev. 07-29 August 2007
logo
Nexperia B.V. All right...
74LVC1G79-Q100 NEXPERIA-74LVC1G79-Q100 Datasheet
794Kb / 15P
Single D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74LVC1G79GF NXP-74LVC1G79GF Datasheet
89Kb / 16P
Single D-type flip-flop; positive-edge trigger
Rev. 07-29 August 2007
74LVC1G79GM PHILIPS-74LVC1G79GM Datasheet
97Kb / 18P
Single D-type flip-flop; positive-edge trigger
2004 Sep 10
More results


Similar Description - 74LVC1G79

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G79 PHILIPS-74AHC1G79 Datasheet
83Kb / 12P
Single D-type flip-flop; positive-edge trigger
1999 May 18
logo
Panasonic Semiconductor
74LVC1G80 PANASONIC-74LVC1G80 Datasheet
99Kb / 18P
Single D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74LVC1G79 NXP-74LVC1G79 Datasheet
89Kb / 16P
Single D-type flip-flop; positive-edge trigger
Rev. 07-29 August 2007
74AHC1G79GW125 NXP-74AHC1G79GW125 Datasheet
82Kb / 12P
Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHC1G79-Q100 NEXPERIA-74AHC1G79-Q100 Datasheet
721Kb / 14P
Single D-type flip-flop; positive-edge trigger
74LVC1G80-Q100 NEXPERIA-74LVC1G80-Q100 Datasheet
796Kb / 15P
Single D-type flip-flop; positive-edge trigger
74LVC1G79-Q100 NEXPERIA-74LVC1G79-Q100 Datasheet
794Kb / 15P
Single D-type flip-flop; positive-edge trigger
74AHCAHC1G79-Q100 NEXPERIA-74AHCAHC1G79-Q100 Datasheet
218Kb / 12P
Single D-type flip-flop; positive-edge trigger
Rev. 4 - 11 January 2022
74AHCT1G79 NEXPERIA-74AHCT1G79 Datasheet
218Kb / 12P
Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
74LVC1G80 NEXPERIA-74LVC1G80 Datasheet
277Kb / 19P
Single D-type flip-flop; positive-edge trigger
Rev. 15 - 29 March 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com