Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G79 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G79
Description  Single D-type flip-flop; positive-edge trigger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G79 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC1G79 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G79 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G79 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G79 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G79 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G79 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G79 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G79 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G79 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Nexperia
74LVC1G79
Single D-type flip-flop; positive-edge trigger
6.2. Pin description
Table 3. Pin description
Pin
Symbol
TSSOP5, SC-74A and X2SON5
XSON6
Description
D
1
1
data input
CP
2
2
clock pulse input
GND
3
3
ground (0 V)
Q
4
4
data output
n.c.
-
5
not connected
VCC
5
6
supply voltage
7. Functional description
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level; ↑ = LOW-to-HIGH CP transition; X = don’t care;
q = lower case letter indicates the state of referenced input, one set-up time prior to the LOW-to-HIGH CP transition.
Input
Output
CP
D
Q
↑
L
L
↑
H
H
L
X
q
74LVC1G79
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 14 — 29 March 2022
4 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com