Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP32433AEVB Datasheet(PDF) 14 Page - Vishay Siliconix

Part # SIP32433AEVB
Description  3.5 A, 78 m, 2.8 V to 23 V True Reverse Current Blocking eFuse With Programmable Current Limit and OVP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32433AEVB Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button SIP32433AEVB Datasheet HTML 10Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 11Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 12Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 13Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 14Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 15Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 16Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 17Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 18Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
SIP32433
www.vishay.com
Vishay Siliconix
E22-0335. A, 15-Aug-2022
14
Document Number: 63175
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SLEW RATE CONTROL
An inrush current happens when the switch turns on into a large output capacitance. If the inrush current is not controlled, it
can damage the input connectors and / or cause the system power supply to droop, leading to unexpected restarts elsewhere
in the system.
The SIP32433A and SIP32433B provide integrated output slew rate control to manage the inrush current during start-up. This
is achieved by forcing the VOUT to follow the voltage on a soft start capacitor. A constant current source of 5 μA charges the
CSS, generating a linear ramp up voltage on CSS.
The inrush current is proportional to the load capacitance and rising slew rate. The following equation can be used to calculate
the slew rate required to limit the inrush current (IINRUSH) for a given load capacitance (COUT):
An external capacitor can be connected to the soft start (SS) pin to control the rising slew rate and lower the inrush current
during turn-on. The output voltage follows the required CSS capacitance to produce a given slew rate, which can be calculated
using the following formula:
The fastest output slew rate is achieved by leaving the soft start pin open.
SR (V/ms) =
I
INRUSH (mA)
C
OUT (μF)
---------------------------------
T
SS =
V
IN
SR
-------- = V
IN x
C
OUT (μF)
I
INRUSH (mA)
---------------------------------
C
SS =
I
SS x 9

SR
-----------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com