Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-9.MT...KPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-9.MT...KPBF
Description  Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-9.MT...KPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-9.MT...KPBF Datasheet HTML 1Page - Vishay Siliconix VS-9.MT...KPBF Datasheet HTML 2Page - Vishay Siliconix VS-9.MT...KPBF Datasheet HTML 3Page - Vishay Siliconix VS-9.MT...KPBF Datasheet HTML 4Page - Vishay Siliconix VS-9.MT...KPBF Datasheet HTML 5Page - Vishay Siliconix VS-9.MT...KPBF Datasheet HTML 6Page - Vishay Siliconix VS-9.MT...KPBF Datasheet HTML 7Page - Vishay Siliconix VS-9.MT...KPBF Datasheet HTML 8Page - Vishay Siliconix VS-9.MT...KPBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
VS-5.MT...KPbF, VS-9.MT...KPbF, VS-11.MT...KPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 25-Nov-2022
2
Document Number: 94353
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
5.MT...K
VALUES
9.MT...K
VALUES
11.MT...K
UNITS
Maximum DC output current at
case temperature
IO
120° rect. conduction angle
55
90
110
A
85
85
85
°C
Maximum peak, one-cycle
forward, non-repetitive on state
surge current
ITSM
t = 10 ms
No voltage
reapplied
Initial TJ = TJ max.
390
950
1130
A
t = 8.3 ms
410
1000
1180
t = 10 ms
100 % VRRM
reapplied
330
800
950
t = 8.3 ms
345
840
1000
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
770
4525
6380
A2s
t = 8.3 ms
700
4130
5830
t = 10 ms
100 % VRRM
reapplied
540
3200
4510
t = 8.3 ms
500
2920
4120
Maximum I2
√t for fusing
I2
√t
t = 0.1 ms to 10 ms, no voltage reapplied
7700
45 250
63 800
A2
√s
Low level value of threshold
voltage
VT(TO)1
(16.7 % x
π x IT(AV) < I < π x IT(AV)), TJ maximum
1.17
1.09
1.04
V
High level value of threshold
voltage
VT(TO)2
(I >
π x IT(AV)), TJ maximum
1.45
1.27
1.27
Low level value on-state slope
resistance
rt1
(16.7 % x
π x IT(AV) < I < π x IT(AV)), TJ maximum
12.40
4.10
3.93
m
Ω
High level value on-state slope
resistance
rt2
(I >
π x IT(AV)), TJ maximum
11.04
3.59
3.37
Maximum on-state voltage drop
VTM
Ipk = 150 A, TJ = 25 °C, tp = 400 μs single junction
2.68
1.65
1.57
V
Maximum non-repetitive
rate of rise of turned on current
dI/dt
TJ = 25 °C, from 0.67 VDRM, ITM =
π x IT(AV),
Ig = 500 mA, tr < 0.5 μs, tp > 6 μs
150
A/μs
Maximum holding current
IH
TJ = 25 °C, anode supply = 6 V, resistive load,
gate open circuit
200
mA
Maximum latching current
IL
TJ = 25 °C, anode supply = 6 V, resistive load
400
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
5.MT...K
VALUES
9.MT...K
VALUES
11.MT...K
UNITS
RMS isolation voltage
VISOL
TJ = 25 °C all terminal shorted, f = 50 Hz, t = 1 s
4000
V
Maximum critical rate of rise of
off-state voltage
dV/dt
TJ = TJ maximum, linear to 0.67 VDRM,
gate open circuit
1000
V/μs
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
5.MT...K
VALUES
9.MT...K
VALUES
11.MT...K
UNITS
Maximum peak gate power
PGM
TJ = TJ maximum
10
W
Maximum average gate power
PG(AV)
2.5
Maximum peak gate current
IGM
2.5
A
Maximum peak negative
gate voltage
- VGT
10
V
Maximum required DC gate
voltage to trigger
VGT
TJ = -40 °C
Anode supply = 6 V,
resistive load
4.0
TJ = 25 °C
2.5
TJ = 125 °C
1.7
Maximum required DC gate
current to trigger
IGT
TJ = -40 °C
270
mA
TJ = 25 °C
150
TJ = 125 °C
80
Maximum gate voltage
that will not trigger
VGD
TJ = TJ maximum, rated VDRM applied
0.25
V
Maximum gate current
that will not trigger
IGD
6mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com