Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-9.MT...KPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-9.MT...KPBF
Description  Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-9.MT...KPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-9.MT...KPBF Datasheet HTML 1Page - Vishay Siliconix VS-9.MT...KPBF Datasheet HTML 2Page - Vishay Siliconix VS-9.MT...KPBF Datasheet HTML 3Page - Vishay Siliconix VS-9.MT...KPBF Datasheet HTML 4Page - Vishay Siliconix VS-9.MT...KPBF Datasheet HTML 5Page - Vishay Siliconix VS-9.MT...KPBF Datasheet HTML 6Page - Vishay Siliconix VS-9.MT...KPBF Datasheet HTML 7Page - Vishay Siliconix VS-9.MT...KPBF Datasheet HTML 8Page - Vishay Siliconix VS-9.MT...KPBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VS-5.MT...KPbF, VS-9.MT...KPbF, VS-11.MT...KPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 25-Nov-2022
3
Document Number: 94353
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristic
Fig. 2 - Forward Voltage Drop Characteristics
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
5.MT...K
VALUES
9.MT...K
VALUES
11.MT...K
UNITS
Maximum junction operating
and storage temperature range
TJ, TStg
-40 to +125
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation per module
0.18
0.14
0.12
K/W
DC operation per junction
1.07
0.86
0.70
120 °C rect. conduction angle per module
0.19
0.15
0.12
120 °C rect. conduction angle per junction
1.17
0.91
0.74
Maximum thermal resistance,
case to heatsink per module
RthCS
Mounting surface smooth, flat and grased
0.03
Mounting
torque ± 10 %
to heatsink
A mounting compound is recommended and
the torque should be rechecked after a period of
3 hours to allow for the spread of the
compound. Lubricated threads.
4 to 6
Nm
to terminal
3 to 4
Approximate weight
225
g
ΔR CONDUCTION PER JUNCTION
DEVICES
SINUSOIDAL CONDUCTION
AT TJ MAXIMUM
RECTANGULAR CONDUCTION
AT TJ MAXIMUM
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
5.MT...K
0.072
0.085
0.108
0.152
0.233
0.055
0.091
0.117
0.157
0.236
K/W
9.MT...K
0.033
0.039
0.051
0.069
0.099
0.027
0.044
0.055
0.071
0.100
11.MT...K
0.027
0.033
0.042
0.057
0.081
0.023
0.037
0.046
0.059
0.082
Total Output Current (A)
10
20
30
40
50
60
0
120°
(Rect.)
5.MT..K Series
100
120
130
80
94353_01
90
110
~
+
-
Instantaneous On-State Voltage (V)
2
1
3456
7
0
94353_02
T
J = 25 °C
5.MT..K Series
Per junction
T
J = 125 °C
100
1000
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com