Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2621 Datasheet(PDF) 3 Page - Microchip Technology

Part # HV2621
Description  300V, Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2621 Datasheet(HTML) 3 Page - Microchip Technology

  HV2621 Datasheet HTML 1Page - Microchip Technology HV2621 Datasheet HTML 2Page - Microchip Technology HV2621 Datasheet HTML 3Page - Microchip Technology HV2621 Datasheet HTML 4Page - Microchip Technology HV2621 Datasheet HTML 5Page - Microchip Technology HV2621 Datasheet HTML 6Page - Microchip Technology HV2621 Datasheet HTML 7Page - Microchip Technology HV2621 Datasheet HTML 8Page - Microchip Technology HV2621 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2019 Microchip Technology Inc.
DS20006082A-page 3
HV2621/HV2721/HV2722
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Logic Supply Voltage (VDD).......................................................................................................................... -0.5V to 6.5V
Differential Supply Voltage (VPP-VNN).......................................................................................................................330V
Positive Supply Voltage (VPP).............................................................................................................-0.5V to VNN+300V
Negative Supply Voltage (VNN) ................................................................................................................. -300V to +0.5V
Logic Input Voltage (VIN).....................................................................................................................-0.5V to VDD +0.3V
Analog Signal Range (VSIG)............................................................................................................................ VNN to VPP
Peak Analog Signal Current/Channel (IPK) ...................................................................................................................3A
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational sections of this specification is not intended. Exposure to maximum rating conditions for extended periods
may affect device reliability.
RECOMMENDED OPERATING CONDITIONS (NOTES 1, 2, 3)
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Logic Supply Voltage
VDD
3—
5.5
V
Differential Supply Voltage
VPP-VNN
60
—
300
V
Positive Supply Voltage
VPP
60
—
260
V
Negative Supply Voltage
VNN
-240
—
0
V
High-Level Input Voltage
VIH
0.9VDD
—VDD
V
Low-Level Input Voltage
VIL
0—
0.1VDD
V
Analog Signal Voltage Peak-to-Peak
VSIG
VNN+15
—
VPP-15
V
Note 1:
Recommended power up sequence is VDD, VPP and VNN. Power down is in reverse order.
2:
VSIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transition.
3:
Rise and fall times of power supplies, VDD, VPP and VNN should be greater than 1.0 ms.
DC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VPP = +150V, VNN = -150V, VDD = 5.0V, TA =25°C. Boldface specifications apply over
the full operating temperature range.
Parameter
Sym.
Min.
Typ.
Max. Units
Conditions/Comments
Small Signal Switch On-Resistance
RONS
—26
48
Ω
ISIG = 5 mA
VPP = +60V,
VNN = -240V
—22
32
Ω
ISIG = 150 mA
—22
30
Ω
ISIG = 5 mA
VPP = +150V,
VNN = -150V
—18
27
Ω
ISIG = 150 mA
—20
30
Ω
ISIG = 5 mA
VPP = +260V,
VNN = -40V
—16
27
Ω
ISIG = 150 mA
Small Signal Switch On-Resistance
Matching
∆RONS
—5
20
%
ISIG = 5 mA, VPP = +150V,
VNN = -150V
Large Signal Switch On-Resistance
RONL
—17—
Ω
VSIG = VPP-15V, ISIG =1A
Value of Output Bleed Resistor
(HV2721/HV2722 Only)
RINT
30
50
70
kΩ
Output switch to RGND,
IRINT = 0.5 mA
Switch Off Leakage per Switch
ISOL
—1
15
μA
VSIG = VPP-15V, VNN+15V.
See Figure 3-1
DC Offset Switch Off
VOS
—1
10
mV
RLOAD =35kΩ (HV2621), 70 kΩ
(HV2722), No load (HV2721), see
Figure 3-2
DC Offset Switch On
—
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com