Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2621 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV2621
Description  300V, Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2621 Datasheet(HTML) 5 Page - Microchip Technology

  HV2621 Datasheet HTML 1Page - Microchip Technology HV2621 Datasheet HTML 2Page - Microchip Technology HV2621 Datasheet HTML 3Page - Microchip Technology HV2621 Datasheet HTML 4Page - Microchip Technology HV2621 Datasheet HTML 5Page - Microchip Technology HV2621 Datasheet HTML 6Page - Microchip Technology HV2621 Datasheet HTML 7Page - Microchip Technology HV2621 Datasheet HTML 8Page - Microchip Technology HV2621 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
 2019 Microchip Technology Inc.
DS20006082A-page 5
HV2621/HV2721/HV2722
Clock Frequency
fCLK
——
16
MHz VDD = 3.3V (Note 1)
——
33
MHz VDD = 5.0V (Note 1)
Clock Rise and Fall Time
tR, tF
——
50
ns
Note 1
Turn-On Time
tON
——
6
μs
VSIG = VPP-15V, RLOAD = 20 kΩ
See Figure 3-3
Turn-Off Time
tOFF
——
6
Maximum VSIG Slew Rate
dV/dt
——
20
V/ns
VPP = +60V, VNN = -240V (Note 1)
——
20
VPP = +150V, VNN = -150V (Note 1)
——
20
VPP = +260V, VNN = -40V (Note 1)
Off Isolation
KO
—-55
-50
dB
f = 5.0 MHz,1.0 kΩ//15 pF load
See Figure 3-4 (Note 1)
—-60
-58
f = 5.0 MHz, 50Ω load
See Figure 3-4 (Note 1)
Switch Crosstalk
KCR
—-70
-60
dB
f = 5.0 MHz, 50Ω load
See Figure 3-5 (Note 1)
Output Switch Isolation Diode
Current
IID
—
—
200
mA
300 ns pulse width, 2.0% duty cycle,
See Figure 3-6 (Note 1)
Off Capacitance SW to GND
CSG(OFF)
—10
—
pF
VSIG = 50 mV@1MHz, no load
(Note 1)
On Capacitance SW to GND
CSG(ON)
—18
—
Output Voltage Spike at SWA,
SWB
+VSPK
—
—
250
mV
VPP = +60V, VNN = -240V,
RLOAD = 50Ω, see Figure 3-7 (Note 1)
-VSPK
-250
—
—
+VSPK
—
—
250
VPP = +150V, VNN = -150V,
RLOAD = 50Ω, see Figure 3-7 (Note 1)
-VSPK
-250
—
—
+VSPK
—
—
250
VPP = +260V, VNN = -40V,
RLOAD = 50Ω, see Figure 3-7 (Note 1)
-VSPK
-250
—
—
Charge Injection
QC
—
1000
—
pC
VPP = +60V, VNN = -240V,
VSIG = 0V, see Figure 3-8 (Note 1)
—
770
—
VPP = +150V, VNN = -150V,
VSIG = 0V, see Figure 3-8 (Note 1)
—
360
—
VPP = +260V, VNN = -40V,
VSIG=0V, see Figure 3-8 (Note 1)
Note 1:
Specification is obtained by characterization and is not 100% tested.
AC ELECTRICAL CHARACTERISTICS (CONTINUED)
Unless otherwise specified, VPP = +150V, VNN = -150V, VDD =5.0V, tR =tF ≤ 5.0 ns, 50% duty cycle, CLOAD =20pF,
TA =25°C, Boldface specifications apply over the full operating temperature range.
Sym.
Sym.
Min.
Typ.
Max. Units
Conditions/Comments
TEMPERATURE SPECIFICATION
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Range
Operating Temperature Range
TA
0—
+70
°C
Storage Temperature Range
TS
-65
—
+150
°C
Maximum Junction Temperature
TJ
—
—
+125
°C
Package Thermal Resistance
Thermal Resistance, 64L QFN
ΘJA
—21
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com