Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V89 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP6V89
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V89 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP6V89 Datasheet HTML 29Page - Microchip Technology MCP6V89 Datasheet HTML 30Page - Microchip Technology MCP6V89 Datasheet HTML 31Page - Microchip Technology MCP6V89 Datasheet HTML 32Page - Microchip Technology MCP6V89 Datasheet HTML 33Page - Microchip Technology MCP6V89 Datasheet HTML 34Page - Microchip Technology MCP6V89 Datasheet HTML 35Page - Microchip Technology MCP6V89 Datasheet HTML 36Page - Microchip Technology MCP6V89 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
 2020 Microchip Technology Inc.
DS20006398A-page 33
MCP6V86/6U/7/9
RECOMMENDED LAND PATTERN
Microchip Technology Drawing No. C04-2061-LTY Rev E
5-Lead Plastic Small Outline Transistor (LTY) [SC70]
1
2
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Dimension Limits
Units
C
Contact Pad Spacing
Contact Pad Width
Contact Pitch
X
MILLIMETERS
0.65 BSC
MIN
E
MAX
Distance Between Pads
Contact Pad Length
G
Y0.95
Gx
Distance Between Pads
0.20
NOM
0.45
2.20
1.25
X
Y
E
C
Gx
G
3
45
SILK SCREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com