Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V89 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP6V89
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V89 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP6V89 Datasheet HTML 37Page - Microchip Technology MCP6V89 Datasheet HTML 38Page - Microchip Technology MCP6V89 Datasheet HTML 39Page - Microchip Technology MCP6V89 Datasheet HTML 40Page - Microchip Technology MCP6V89 Datasheet HTML 41Page - Microchip Technology MCP6V89 Datasheet HTML 42Page - Microchip Technology MCP6V89 Datasheet HTML 43Page - Microchip Technology MCP6V89 Datasheet HTML 44Page - Microchip Technology MCP6V89 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
 2020 Microchip Technology Inc.
DS20006398A-page 41
MCP6V86/6U/7/9
Microchip Technology Drawing No. C04-129-MNY Rev E Sheet 2 of 2
8-Lead Plastic Dual Flat, No Lead Package (MNY) – 2x3x0.8 mm Body [TDFN]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
NOM
MILLIMETERS
0.50 BSC
2.00 BSC
3.00 BSC
0.20 REF
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Contact-to-Exposed Pad
Contact Thickness
Exposed Pad Width
Exposed Pad Length
4. Dimensioning and tolerancing per ASME Y14.5M
3. Package is saw singulated
2. Package may have one or more exposed tie bars at ends.
Notes:
Contact Width
Overall Width
Overall Length
Contact Length
Standoff
Number of Pins
Overall Height
Pitch
K
0.20
Units
N
e
A
Dimension Limits
D
A3
A1
b
D2
E2
E
L
0.20
1.35
1.25
0.25
0.00
0.70
MIN
-
-
0.25
0.30
1.30
1.40
1.35
0.30
0.45
1.45
8
0.75
0.02
0.05
0.80
MAX
With 1.4x1.3 mm Exposed Pad (JEDEC Package type WDFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com