Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V87-E/MS Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP6V87-E/MS
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V87-E/MS Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP6V87-E/MS Datasheet HTML 21Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 22Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 23Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 24Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 25Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 26Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 27Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 28Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
 2020 Microchip Technology Inc.
DS20006398A-page 25
MCP6V86/6U/7/9
4.4.3
OFFSET VOLTAGE CORRECTION
Figure 4-13 shows MCP6V86 (U2) correcting the input
offset voltage of another op amp (U1). R2 and C2 inte-
grate the offset error seen at U1’s input. The integration
needs to be slow enough to be stable (with the feed-
back provided by R1 and R3). R4 and R5 attenuate the
integrator’s output. This shifts the integrator pole down
in frequency.
FIGURE 4-13:
Offset Correction.
4.4.4
PRECISION COMPARATOR
Use high gain before a comparator to improve the
latter’s performance. Do not use the MCP6V86/6U/7/9
as a comparator by itself; the VOS correction circuitry
does not operate properly without a feedback loop.
FIGURE 4-14:
Precision Comparator.
U1
MCP6XXX
C2
R2
R1
R3
VDD/2
R4
VIN
VOUT
R2
VDD/2
R5
U2
MCP6V86
+
–
+
–
VIN
R3
R2
VDD/2
VOUT
R5
R4
R1
U1
MCP6V86
U2
MCP6541
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com