Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V87-E/MS Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP6V87-E/MS
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V87-E/MS Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP6V87-E/MS Datasheet HTML 36Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 37Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 38Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 39Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 40Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 41Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 42Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 43Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
MCP6V86/6U/7/9
DS20006398A-page 40
 2020 Microchip Technology Inc.
B
A
0.15 C
0.15 C
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
12
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
12
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing No. C04-129-MNY Rev E Sheet 1 of 2
2X
8X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
8-Lead Plastic Dual Flat, No Lead Package (MNY) – 2x3x0.8 mm Body [TDFN]
D
E
D2
E2
A
(A3)
A1
e
8X b
L
K
With 1.4x1.3 mm Exposed Pad (JEDEC Package type WDFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com