Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAPSS0107 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MAAPSS0107
Description  3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0107 Datasheet(HTML) 5 Page - Tyco Electronics

  MAAPSS0107 Datasheet HTML 1Page - Tyco Electronics MAAPSS0107 Datasheet HTML 2Page - Tyco Electronics MAAPSS0107 Datasheet HTML 3Page - Tyco Electronics MAAPSS0107 Datasheet HTML 4Page - Tyco Electronics MAAPSS0107 Datasheet HTML 5Page - Tyco Electronics MAAPSS0107 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3.6 V, 0.5 W, RF Power Amplifier IC for DECT
1800 - 2000 MHz
MAAPSS0107
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
5
RoHS
Compliant
Typical Performance Curves
Output power and drain current vs. temperature at
VDD = 3.6 V, PIN = -2 dBm, F=1900 MHz
0
5
10
15
20
25
30
0
50
100
150
200
250
300
-50
-25
0
255075
100
Pout
Idd
Temperature Ts (°C)
Designing with the MAAPSS0107
The MAAPSS0107 is built using a near-enhancement mode FET that operates from a single supply voltage. A negative
voltage is not required because the FET is designed to operate with a +0 VDC gate bias.
There is no impedance matching or RF choking on this IC – these functions are supplied externally. This approach offers the
highest level of performance, the lowest bill of materials cost, and far fewer components than a discrete design.
Output power and efficiency have been optimized for DECT conditions. Input power must be kept between -2 and +2 dBm.
To duplicate MAAPSS0107 data sheet performance, your circuit board must recreate the same impedances developed on
this evaluation board. The table below has one-port s-parameter measurements looking into the traces on the evaluation
board. S-parameters of the MAAPSS0107 are not supplied because the device is designed to operate under large-signal
conditions.
Frequency
VDD1 Pin 1
RFIN/VGG1 Pin 2
VGG2 Pin 4
RFOUT/VDD3 Pin 7
VDD2 Pin 8
GHz
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
0.2
0.98045
178.38
0.15583
92.45
0.98634
159.96
0.53341
119.98
0.99255
178.98
0.3
0.94299
158.86
0.34874
-79.64
0.99012
150.97
0.32398
106.05
0.97095
163.41
0.4
0.97932
-171.16
0.61727
89.09
0.98896
141.89
0.20397
98.78
0.98118
-178.46
0.5
0.98910
-178.37
0.53105
69.98
0.98414
132.81
0.10550
90.87
0.98448
-176.22
0.6
0.99498
177.21
0.81116
49.51
0.98671
124.13
0.01912
95.87
0.99955
176.46
0.7
0.99236
174.45
0.87096
32.24
0.98308
115.73
0.05548
-108.06
0.99916
173.24
0.8
0.99399
172.25
0.84304
20.09
0.98482
107.57
0.12170
-111.09
1.00072
170.74
0.9
0.99541
170.17
0.86887
16.78
0.98514
99.90
0.18593
-116.17
1.00140
168.47
1.0
0.99503
168.20
0.87209
9.18
0.98562
92.35
0.24519
-121.18
1.00119
166.28
1.1
0.99279
166.32
0.87044
1.42
0.97997
85.32
0.30304
-126.47
0.99926
164.20
1.2
0.99285
164.31
0.83274
-4.47
0.98220
78.49
0.35920
-131.80
0.99991
161.99
1.3
0.99423
162.46
0.80852
-11.26
0.98249
72.12
0.41315
-137.20
0.99956
159.92
1.4
0.98574
159.89
0.74573
-16.03
0.98284
65.97
0.46330
-142.60
0.99277
157.02
1.5
0.88116
157.23
0.66751
-21.70
0.97828
60.11
0.51088
-148.03
0.86762
154.31
1.6
0.97552
161.35
0.60211
-24.92
0.98255
54.23
0.55789
-153.43
0.98555
158.39
1.7
0.98767
158.42
0.53753
-28.44
0.98167
48.79
0.59900
-158.95
0.99642
155.25
1.8
0.99039
156.35
0.45804
-27.44
0.98173
43.48
0.63867
-164.21
0.99918
152.78



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com