Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAPSS0107 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MAAPSS0107
Description  3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0107 Datasheet(HTML) 6 Page - Tyco Electronics

  MAAPSS0107 Datasheet HTML 1Page - Tyco Electronics MAAPSS0107 Datasheet HTML 2Page - Tyco Electronics MAAPSS0107 Datasheet HTML 3Page - Tyco Electronics MAAPSS0107 Datasheet HTML 4Page - Tyco Electronics MAAPSS0107 Datasheet HTML 5Page - Tyco Electronics MAAPSS0107 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3.6 V, 0.5 W, RF Power Amplifier IC for DECT
1800 - 2000 MHz
MAAPSS0107
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
6
RoHS
Compliant
Frequency
VDD1 Pin 1
RFIN/VGG1 Pin 2
VGG2 Pin 4
RFOUT/VDD3 Pin 7
VDD2 Pin 8
GHz
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
1.9
0.99244
154.61
0.41128
-25.54
0.98234
38.27
0.67512
-169.36
1.00119
150.69
2.0
0.98742
152.93
0.36682
-20.92
0.97956
33.43
0.70454
-174.44
0.99355
148.30
2.1
0.99010
151.31
0.34855
-16.52
0.97866
28.52
0.73360
-178.67
0.88062
147.26
2.2
0.98911
149.68
0.32313
-13.38
0.97966
23.87
0.76239
175.86
0.99684
146.97
2.3
0.99139
148.11
0.30695
-8.01
0.98028
19.13
0.78572
171.11
1.00029
144.53
2.4
0.98809
146.33
0.30024
-0.16
0.97910
14.65
0.80560
166.68
1.00005
142.46
2.5
0.99058
144.56
0.32491
3.85
0.97652
10.29
0.82474
162.24
1.00010
140.35
2.6
0.98513
142.80
0.32429
4.54
0.97751
5.87
0.83818
157.93
0.99560
138.31
2.7
0.98991
140.66
0.31415
7.56
0.97715
1.53
0.86018
153.55
0.99891
136.04
2.8
0.97904
138.58
0.31418
14.28
0.97600
-2.68
0.87076
149.33
0.98388
133.36
2.9
0.94926
136.15
0.33349
18.76
0.97526
-7.00
0.88376
145.18
0.95012
130.27
3.0
0.90603
138.55
0.36476
23.39
0.97179
-11.28
0.89423
141.16
0.86390
133.79
3.1
0.96258
137.61
0.43170
21.35
0.96761
-15.40
0.90136
136.54
0.95789
133.92
3.2
0.97824
135.30
0.42416
18.54
0.96919
-19.53
0.90933
132.45
0.97992
130.74
3.3
0.98600
133.22
0.44491
18.34
0.96815
-23.97
0.92075
128.19
0.99110
128.32
3.4
0.97581
131.03
0.46286
15.87
0.96856
-28.22
0.91634
123.51
0.98056
125.59
3.5
0.97510
128.55
0.47492
13.72
0.96669
-32.53
0.92419
117.78
0.98100
122.36
3.6
0.95375
126.87
0.48711
11.01
0.96540
-36.99
0.91573
111.37
0.95666
119.66
3.7
0.95057
127.45
0.49197
7.38
0.96407
-41.44
0.88717
101.63
0.93969
117.38
3.8
0.97376
125.97
0.48573
2.45
0.96212
-46.11
0.67487
79.43
0.80350
109.35
3.9
0.97682
123.62
0.46779
-0.28
0.96054
-50.67
0.46027
156.66
0.86651
131.73
4.0
0.98005
121.79
0.45180
-4.24
0.96034
-55.50
0.84398
132.42
0.96565
124.03
4.1
0.98137
119.83
0.42656
-7.50
0.95559
-60.49
0.91747
120.75
0.98040
119.87
4.2
0.97884
118.09
0.39991
-11.55
0.95544
-65.64
0.94120
113.77
0.98556
117.40
4.3
0.97918
116.42
0.36462
-15.55
0.95345
-70.99
0.95303
108.35
0.98601
114.89
4.4
0.97904
114.45
0.32379
-19.79
0.95303
-76.48
0.96185
103.78
0.98684
112.78
4.5
0.97991
112.45
0.27421
-24.08
0.95103
-82.34
0.96948
99.46
0.98870
110.59
4.6
0.97809
110.26
0.21778
-28.21
0.94710
-88.30
0.97059
95.22
0.98453
108.46
4.7
0.96567
108.32
0.15094
-30.95
0.94266
-94.72
0.96901
91.36
0.97623
106.45
4.8
0.96153
105.69
0.07907
-24.06
0.93632
-101.21
0.97053
87.30
0.97255
104.06
4.9
0.93877
103.67
0.03254
37.56
0.93172
-108.15
0.96542
83.54
0.94871
102.09
5.0
0.89436
102.91
0.11563
93.79
0.90196
-115.16
0.95436
79.82
0.90915
101.96
5.1
0.88960
104.77
0.17035
81.80
0.91026
-120.16
0.94874
76.13
0.92284
103.31
5.2
0.92614
104.42
0.20986
84.90
0.92716
-128.19
0.93975
72.37
0.95245
102.11
5.3
0.94661
102.27
0.26841
84.54
0.92697
-136.71
0.93430
68.62
0.96874
99.91
5.4
0.95985
100.14
0.32306
81.90
0.92817
-145.26
0.92552
64.45
0.97597
98.06
5.5
0.96135
97.63
0.36853
77.62
0.92438
-154.07
0.91055
60.10
0.97767
95.99
5.6
0.95723
95.59
0.40466
73.11
0.91805
-163.10
0.89467
55.88
0.97522
94.27
5.7
0.95195
93.78
0.43174
69.62
0.91529
-172.11
0.88144
51.26
0.97159
92.53
5.8
0.94291
92.04
0.45333
66.86
0.90561
178.78
0.86118
45.92
0.96476
91.00
5.9
0.94307
90.43
0.48474
63.83
0.91067
169.22
0.84235
39.69
0.96887
89.52
6.0
0.94249
89.05
0.50533
59.87
0.90904
159.64
0.81197
32.21
0.96766
87.98



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com