Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD56120M Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD56120M
Description  RF POWER TRANSISTORS The LdmoST FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56120M Datasheet(HTML) 3 Page - STMicroelectronics

  SD56120M Datasheet HTML 1Page - STMicroelectronics SD56120M Datasheet HTML 2Page - STMicroelectronics SD56120M Datasheet HTML 3Page - STMicroelectronics SD56120M Datasheet HTML 4Page - STMicroelectronics SD56120M Datasheet HTML 5Page - STMicroelectronics SD56120M Datasheet HTML 6Page - STMicroelectronics SD56120M Datasheet HTML 7Page - STMicroelectronics SD56120M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
SD56120M
TYPICAL PERFORMANCE
Capacitance vs. Drain Voltage
0
5
10
15
20
25
30
Vds, DRAIN-SOURCE VOLTAGE (V)
1
10
100
1000
Ciss
Coss
Crss
f =1 MHz
Gate-Source Voltage vs. Case Temperature
-20
0
20
40
60
80
Tc, CASE TEMPERATURE (°C)
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
VDS = 10 V
ID = 1 A
ID = 5 A
ID = 2 A
ID = 4 A
ID = 3 A
Drain Current vs. Gate Voltage
012
34
5
6
Vgs, GATE-SOURCE VOLTAGE (V)
0
1
2
3
4
5
6
7
8
9
Vds= 10V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com