Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS175D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALS175D
Description  Quad D flip-flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS175D Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALS175D Datasheet HTML 1Page - NXP Semiconductors 74ALS175D Datasheet HTML 2Page - NXP Semiconductors 74ALS175D Datasheet HTML 3Page - NXP Semiconductors 74ALS175D Datasheet HTML 4Page - NXP Semiconductors 74ALS175D Datasheet HTML 5Page - NXP Semiconductors 74ALS175D Datasheet HTML 6Page - NXP Semiconductors 74ALS175D Datasheet HTML 7Page - NXP Semiconductors 74ALS175D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74ALS175
Quad D flip-flop
2
1991 Feb 08
853–1024 01670
FEATURES
• Four edge-triggered D flip-flops
• Buffered common clock
• Buffered asynchronous master reset
• True and complementary outputs
DESCRIPTION
The 74ALS175 is a quad, edge-triggered D-type flip-flops with
individual D inputs and both Q and Q outputs. The common buffered
clock (CP) and master reset (MR) inputs load and reset (clear) all
flip-flops simultaneously.
The register is fully edge-triggered. The state of each D input, one
setup time before the Low-to-High clock transition is transferred to
the corresponding flip-flop’s Q output.
All Q outputs will be forced Low independent of clock or data inputs
by a Low voltage level on the MR input. The device is useful for
applications where both true and complement outputs are required,
and the clock and master reset are common to all storage elements.
TYPE
TYPICAL
fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS175
70MHz
7mA
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
9
8
VCC
SF00718
Q3
Q3
D3
D2
Q2
Q2
CP
MR
Q0
Q0
D0
D1
Q1
Q1
GND
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
DRAWING
NUMBER
16-pin plastic DIP
74ALS175N
SOT38-4
16-pin plastic SO
74ALS175D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74ALS (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0 – D3
Data inputs
1.0/1.0
20
µA/0.1mA
CP
Clock Pulse input (active rising edge)
1.0/1.0
20
µA/0.1mA
MR
Master Reset input (active-Low)
1.0/1.0
20
µA/0.1mA
Q0 – Q3
True outputs
20/80
0.4mA/8mA
Q0 – Q3
Complementary outputs
20/80
0.4mA/8mA
NOTE:
One (1.0) ALS unit load is defined as: 20
µA in the High state and 0.1mA in the Low state.
LOGIC SYMBOL
VCC = Pin 16
GND = Pin 8
SF00719
4
5
12 13
D0 D1 D2 D3
CP
MR
9
1
2
3
7
6
10
11 15
14
Q0 Q0 Q1 Q1 Q2 Q2 Q3 Q3
IEC/IEEE SYMBOL
R
C1
1D
SF00720
1
9
4
5
12
13
2
3
7
6
10
11
15
14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com