Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS175D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALS175D
Description  Quad D flip-flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS175D Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALS175D Datasheet HTML 1Page - NXP Semiconductors 74ALS175D Datasheet HTML 2Page - NXP Semiconductors 74ALS175D Datasheet HTML 3Page - NXP Semiconductors 74ALS175D Datasheet HTML 4Page - NXP Semiconductors 74ALS175D Datasheet HTML 5Page - NXP Semiconductors 74ALS175D Datasheet HTML 6Page - NXP Semiconductors 74ALS175D Datasheet HTML 7Page - NXP Semiconductors 74ALS175D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
74ALS175
Quad D flip-flop
1991 Feb 08
3
LOGIC DIAGRAM
DQ
RD
VCC = Pin 16
GND = Pin 8
CP
D0
4
DQ
RD
CP
D1
5
DQ
RD
CP
D2
12
DQ
RD
CP
D3
13
Q
SF00721
CP
MR
9
1
32
6
11
10
14
15
7
Q0Q0
Q1Q1
Q2Q2
Q3Q3
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING
MR
CP
D
Qn
Qn
MODE
L
X
X
L
H
Reset (clear)
H
↑
h
H
L
Load “1”
H
↑
I
L
H
Load “0”
NOTES:
H = High-voltage level
h
= High state must be present one setup time before the Low-to-High clock transition
L
= Low-voltage level
l
= Low state must be present one setup time before the Low-to-High clock transition
X = Don’t care
↑ = Low-to-High clock transition
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
16
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–0.4
mA
IOL
Low-level output current
8
mA
Tamb
Operating free-air temperature range
0
+70
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com