Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC860DP Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MPC860DP
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC860DP Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MPC860DP Datasheet HTML 45Page - NXP Semiconductors MPC860DP Datasheet HTML 46Page - NXP Semiconductors MPC860DP Datasheet HTML 47Page - NXP Semiconductors MPC860DP Datasheet HTML 48Page - NXP Semiconductors MPC860DP Datasheet HTML 49Page - NXP Semiconductors MPC860DP Datasheet HTML 50Page - NXP Semiconductors MPC860DP Datasheet HTML 51Page - NXP Semiconductors MPC860DP Datasheet HTML 52Page - NXP Semiconductors MPC860DP Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
Freescale Semiconductor
49
CPM Electrical Characteristics
Figure 50. CPM General-Purpose Timers Timing Diagram
11.6
Serial Interface AC Electrical Specifications
Table 19 provides the serial interface timings as shown in Figure 51 through Figure 55.
Table 19. SI Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
70
L1RCLK, L1TCLK frequency (DSC = 0)1, 2
—
SYNCCLK/2.5
MHz
71
L1RCLK, L1TCLK width low (DSC = 0)2
P + 10
—
ns
71a
L1RCLK, L1TCLK width high (DSC = 0)3
P + 10
—
ns
72
L1TXD, L1ST(1–4), L1RQ, L1CLKO rise/fall time
—
15.00
ns
73
L1RSYNC, L1TSYNC valid to L1CLK edge (SYNC setup time)
20.00
—
ns
74
L1CLK edge to L1RSYNC, L1TSYNC, invalid (SYNC hold time)
35.00
—
ns
75
L1RSYNC, L1TSYNC rise/fall time
—
15.00
ns
76
L1RXD valid to L1CLK edge (L1RXD setup time)
17.00
—
ns
77
L1CLK edge to L1RXD invalid (L1RXD hold time)
13.00
—
ns
78
L1CLK edge to L1ST(1–4) valid 4
10.00
45.00
ns
78A
L1SYNC valid to L1ST(1–4) valid
10.00
45.00
ns
79
L1CLK edge to L1ST(1–4) invalid
10.00
45.00
ns
80
L1CLK edge to L1TXD valid
10.00
55.00
ns
80A
L1TSYNC valid to L1TXD valid 4
10.00
55.00
ns
81
L1CLK edge to L1TXD high impedance
0.00
42.00
ns
82
L1RCLK, L1TCLK frequency (DSC =1 )
—
16.00 or
SYNCCLK/2
MHz
83
L1RCLK, L1TCLK width low (DSC = 1)
P + 10
—
ns
83a
L1RCLK, L1TCLK width high (DSC = 1)3
P + 10
—
ns
CLKO
TIN/TGATE
(Input)
TOUT
(Output)
64
65
61
62
63
61
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com