Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP4590AF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP4590AF
Description  Photocouplers Photorelay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP4590AF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP4590AF Datasheet HTML 1Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 2Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 3Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 4Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 5Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 6Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 7Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 8Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TLP4590A,TLP4590AF
3
7. Internal Circuit
8. Absolute Maximum Ratings (Note) (Unless otherwise specified, Ta = 25 �)
LED
Detector
Common
Characteristics
Input forward current
Input forward current derating
Input forward current (pulsed)
Input reverse voltage
Input power dissipation
Input power dissipation derating
Junction temperature
OFF-state output terminal voltage
ON-state current(A connection)
ON-state current(B connection)
ON-state current(C connection)
ON-state current derating(A connection)
ON-state current derating(B connection)
ON-state current derating(C connection)
ON-state current (pulsed)
Output power dissipation
Output power dissipation derating
Junction temperature
Storage temperature
Operating temperature
Lead soldering temperature
Isolation voltage
(Ta ≥ 58 �)
(100 µs pulse, 100 pps)
(Ta ≥ 25 �)
(Ta ≥ 25 �)
(Ta ≥ 25 �)
(Ta ≥ 25 �)
(t = 100 ms, duty = 1/10)
(Ta ≥ 25 �)
(10 s)
(AC, 60 s, R.H. ≤ 60 %)
Symbol
IF
∆IF/∆Ta
IFP
VR
PD
∆PD/∆Ta
Tj
VOFF
ION
∆ION/∆Ta
IONP
PO
∆PO/∆Ta
Tj
Tstg
Topr
Tsol
BVS
Note
(Note 1)
(Note 1)
(Note 2)
Rating
20
-0.3
1
6
50
-0.5
125
60
1200
1200
2400
-12.0
-12.0
-24.0
3
750
-7.50
125
-55 to 125
-40 to 110
260
5000
Unit
mA
mA/�
A
V
mW
mW/�
�
V
mA
mA/�
A
mW
mW/�
�
�
�
�
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: For an application circuit example, see Chapter 15.
Note 2: This device is considered as a two-terminal device: All pins on the LED side are shorted together, and all pin
on the photodetector side are shorted together.
2022-10-28
Rev.8.0
©2020-2022
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com