Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP4590AF Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP4590AF
Description  Photocouplers Photorelay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP4590AF Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP4590AF Datasheet HTML 1Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 2Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 3Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 4Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 5Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 6Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 7Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 8Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TLP4590A,TLP4590AF
4
9. Electrical Characteristics (Unless otherwise specified, Ta = 25 �)
LED
Detector
Characteristics
Input forward voltage
Input reverse current
Input capacitance
OFF-state current
OFF-state current
Output capacitance
Symbol
VF
IR
Ct
IOFF
IOFF
COFF
Note
Test Condition
IF = 10 mA
VR = 6 V
V = 0 V, f = 1 MHz
VOFF = 60 V, IF = 5 mA
VOFF = 40 V, IF = 2 mA
V = 0 V, f = 1 MHz, IF = 5 mA
Min
1.1
�
�
�
�
�
Typ.
1.27
�
70
�
�
550
Max
1.4
10
�
10
1
�
Unit
V
µA
pF
µA
µA
pF
10. Coupled Electrical Characteristics (Unless otherwise specified, Ta = 25 �)
Characteristics
Trigger LED current
Return LED current
ON-state resistance(A connection)
ON-state resistance(B connection)
ON-state resistance(C connection)
Symbol
IFC
IFT
RON
Note
(note 1)
Test Condition
IOFF = 10 µA
ION = 1200 mA
ION = 1200 mA
ION = 1200 mA
ION = 2400 mA
Min
�
0.01
�
�
�
Typ.
0.3
�
0.3
0.2
0.1
Max
2
�
0.6
�
�
Unit
mA
mA
Ω
note 1: For an application circuit example, see Chapter 15.
11. Isolation Characteristics (Unless otherwise specified, Ta = 25 �)
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
Min
�
12 ×
1010
5000
Typ.
0.9
1014
�
Max
�
�
�
Unit
pF
Ω
Vrms
Note 1: This device is considered as a two-terminal device: Pins 1, 2 and 3 are shorted together, and pins 4, 5 and 6
are shorted together.
12. Switching Characteristics (Unless otherwise specified, Ta = 25 �)
Characteristics
Turn-on time
Turn-off time
Symbol
tON
tOFF
Note
Test Condition
See Fig. 12.1.
RL = 200 Ω, VDD = 20 V, IF = 5 mA
See Fig. 12.1.
RL = 200 Ω, VDD = 20 V, IF = 5 mA
Min
�
�
Typ.
0.3
2
Max
2
3
Unit
ms
ms
Fig. 12.1
Switching Time Test Circuit and Waveform
2022-10-28
Rev.8.0
©2020-2022
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com