Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSR37 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LSR37
Description  Low ohmic surge resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LSR37 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LSR37 Datasheet HTML 1Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 2Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 3Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 4Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 5Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 6Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 7Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2002 Sep 26
5
BCcomponents
Product specification
Low ohmic surge resistor
LSR37
Application information
The resistors with straight leads are suitable for processing on automatic insertion equipment and cutting and bending
machines.The minimum pitch for this type is 6e (15.0 mm).
For temperature rise at soldering place see Fig.4.
Fig.3
Hot-spot temperature rise (
∆T) as a
function of dissipated power.
0
0.4
1.2
0
CCB361
0.8
20
40
60
80
P (W)
∆T
(K)
Fig.4
Temperature rise (
∆T) at the lead end
(soldering point) as a function of dissipated
power at various lead lengths after mounting.
0
0.4
1.2
0
CCB360
0.8
10
20
30
40
50
P (W)
5 mm
10 mm
15 mm
∆T
(K)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com