Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSR37 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # LSR37
Description  Low ohmic surge resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LSR37 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  LSR37 Datasheet HTML 1Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 2Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 3Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 4Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 5Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 6Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 7Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2002 Sep 26
8
BCcomponents
Product specification
Low ohmic surge resistor
LSR37
4.25.1
endurance
1000 hours at 70
°C; Pn or Vmax
∆R/R max.: ±3.0% + 0.1 Ω
4.8.4
temperature coefficient
220
Ω to 910 Ω
0 to +600
× 10−6/K
1k
Ω to 10 kΩ−600 to +200 × 10−6/K
4.7
voltage proof on insulation 700 V (RMS) during 1 minute;
V-block method
no breakdown
4.6.1.1
insulation resistance
500 V (DC) during 1 minute;
V-block method
Rins min.: 104 MΩ
4.13
short time overload
room temperature;
dissipation 6.25
× Pn; 10 cycles; 5 s
on and 45 s off
∆R/R max.: ±2.5% + 0.10 Ω
high voltage pulse 10 kV;
1nF; 50
× 12/min
for Rn > 3.3 kΩ∆R/R max.: ±20%
(typical value
±10%)
12 kV ESD test; 100 pulses ESD contact discharge
∆R/R max.: ±20%
(typical value:
±10%)
4.26
active flammability
“Cheese-cloth test”
5
× Pn (RMS) duration 5 minutes
no flaming of gauze cylinder
Other test in accordance with IEC 60695
2.2
passive flammability
“Needle-flame test”
application of test flame for 20 s
no ignition of product
no ignition of under-layer
burning time less than 30 s
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com