Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR01 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # PR01
Description  Power Metal Film Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR01 Datasheet(HTML) 5 Page - Vishay Siliconix

  PR01 Datasheet HTML 1Page - Vishay Siliconix PR01 Datasheet HTML 2Page - Vishay Siliconix PR01 Datasheet HTML 3Page - Vishay Siliconix PR01 Datasheet HTML 4Page - Vishay Siliconix PR01 Datasheet HTML 5Page - Vishay Siliconix PR01 Datasheet HTML 6Page - Vishay Siliconix PR01 Datasheet HTML 7Page - Vishay Siliconix PR01 Datasheet HTML 8Page - Vishay Siliconix PR01 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Document Number: 28729
For technical questions contact: ff3dresistors@vishay.com
www.vishay.com
Revision: 24-Feb-04
5
PR01/02/03
Power Metal Film Resistors
Vishay BCcomponents
The power that the resistor can disipate depends on the operating temperature.
Derating
70
100
50
0
0
50
100
155
−55
Tamb (°C)
Pmax
(%Prated)
Maximum dissipation (Pmax) in percentage of rated power as a function of the ambient temperature (Tamb).
10−1
10−2
10−3
10−4
10−5
10−6
10−1
1
1
10
102
103
ti (s)
2
Pmax
(W)
5
10
20
50
100
200
500
tp/ti = 1000
PR01 Pulse on a regular basis; maximum permissible peak pulse power
as a function of pulse duration (ti).
P
max
()
Pulse Loading Capabilities
1200
0
10 6
10 5
10 4
10 3
10 2
10 1
1
800
1000
600
200
400
V max
(V)
t i (s)
PR01 Pulse on a regular basis; maximum permissible peak pulse voltage
as a function of pulse duration (ti).
V
max
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com