Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR01 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # PR01
Description  Power Metal Film Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR01 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button PR01 Datasheet HTML 4Page - Vishay Siliconix PR01 Datasheet HTML 5Page - Vishay Siliconix PR01 Datasheet HTML 6Page - Vishay Siliconix PR01 Datasheet HTML 7Page - Vishay Siliconix PR01 Datasheet HTML 8Page - Vishay Siliconix PR01 Datasheet HTML 9Page - Vishay Siliconix PR01 Datasheet HTML 10Page - Vishay Siliconix PR01 Datasheet HTML 11Page - Vishay Siliconix PR01 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.vishay.com
For technical questions contact: ff3dresistors@vishay.com
Document Number: 28729
8
Revision: 24-Feb-04
PR01/02/03
Vishay BCcomponents
Power Metal Film Resistors
Interruption Characteristics
10 2
10
1
10 1
100
120
20
080
40
60
Poverload (W)
t
(s)
PR02 Time to interruption as a function of overload
power for range: 5 R ≤ Rn < 68 R.
This graph is based on measured data under constant voltage
conditions; the data may deviate according to the applications.
10 2
10
1
10 1
100
120
20
080
40
60
Poverload(W)
t
(s)
PR02 Time to interruption as a function of overload
power for range: 68 R ≤ Rn ≤ 560 R.
This graph is based on measured data under constant voltage
conditions; the data may deviate according to the applications.
Interruption Characteristics
10 2
10
1
10 1
250
50
0
200
100
150
P overload (W)
t
(s)
PR03 Time to interruption as a function of overload power
for range: 0.68 R ≤ Rn ≤ 560 R.
This graph is based on measured data under constant voltage
conditions; the data may deviate according to the applications.
200
0
0.4
1.2
0
0.8
40
80
120
160
∆ T
(K)
P (W)
PR01 Hot-spot temperature rise (∆T) as a
function of dissipated power.
Ø0.6 mm Cu-leads.
Application Information
100
0
0.4
1.2
0
0.8
20
40
60
80
∆ T
(K)
P (W)
15 mm
20 mm
25 mm
PR01 Temperature rise (∆T) at the lead end (soldering point) as a
function of dissipated power at various lead lengths after mounting.
Ø0.6 mm Cu-leads.
Minimum distance from resistor body to PCB = 1 mm.
200
0
0.4
1.2
0
0.8
40
80
120
160
∆T
(K)
P (W)
PR01 Hot-spot temperature rise (∆T) as a function
of dissipated power.
Ø0.6 mm FeCu-leads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com