Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS652 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74ALS652
Description  Transceiver/register
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS652 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ALS652 Datasheet HTML 5Page - NXP Semiconductors 74ALS652 Datasheet HTML 6Page - NXP Semiconductors 74ALS652 Datasheet HTML 7Page - NXP Semiconductors 74ALS652 Datasheet HTML 8Page - NXP Semiconductors 74ALS652 Datasheet HTML 9Page - NXP Semiconductors 74ALS652 Datasheet HTML 10Page - NXP Semiconductors 74ALS652 Datasheet HTML 11Page - NXP Semiconductors 74ALS652 Datasheet HTML 12Page - NXP Semiconductors 74ALS652 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Philips Semiconductors
Product specification
74ALS651/74ALS651-1
74ALS652/74ALS652-1
Transceiver/register
1991 Feb 08
9
AC WAVEFORMS
For all waveforms, VM = 1.3V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
CPBA
or
CPAB
VM
VM
VM
tw(H)
1/fmax
VM
VM
tPLH
tw(L)
tPHL
An or Bn
SF00394
Waveform 1.
Propagation Delay for Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
SF00395
VM
VM
VM
VM
Bn or An
An or Bn
tPLH
tPHL
SBA or SAB
An or Bn
Waveform 2.
Propagation Delay for An to Bn or Bn to An
and SAB or SBA to An or Bn
VM
VM
VM
VM
tPHL
tPLH
An or Bn
Bn or An
SBA or SAB
An or Bn
SF00396
Waveform 3.
Propagation Delay for An to Bn or Bn to An
and SAB or SBA to An or Bn
VM
VM
VM
VM
VM
VM
tsu(L)
th(L)
tsu(H)
th(H)
An or Bn
CPBA
or
CPAB
SF00397
Waveform 4.
Data Setup Time and Hold Times
VM
VM
VM
tsu(L)
th(L)
OEBA
OEAB
SF00410
Waveform 5.
OEBA to OEAB Setup Time and Hold Times
VM
VM
VM
tsu(H)
th(H)
OEBA
OEAB
SF00411
Waveform 6.
OEAB to OEBA Setup Time and Hold Times
SF00412
VM
VM
VM
tPHZ
tPZH
VOH -0.3V
0V
An or Bn
OEBA
OEAB
Waveform 7.
3-State Output Enable Time to High Level and
Output Disable Time from High Level
SF00413
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
An or Bn
OEBA
OEAB
Waveform 8.
3-State Output Enable Time to Low Level and
Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com