Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS652 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALS652
Description  Transceiver/register
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS652 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALS652 Datasheet HTML 1Page - NXP Semiconductors 74ALS652 Datasheet HTML 2Page - NXP Semiconductors 74ALS652 Datasheet HTML 3Page - NXP Semiconductors 74ALS652 Datasheet HTML 4Page - NXP Semiconductors 74ALS652 Datasheet HTML 5Page - NXP Semiconductors 74ALS652 Datasheet HTML 6Page - NXP Semiconductors 74ALS652 Datasheet HTML 7Page - NXP Semiconductors 74ALS652 Datasheet HTML 8Page - NXP Semiconductors 74ALS652 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product specification
74ALS651/74ALS651-1
74ALS652/74ALS652-1
Transceiver/register
74ALS651/651-1
Octal transceiver/register, inverting (3-State)
74ALS652/652-1
Octal transceiver/register, non-inverting (3-State)
2
1991 Feb 08
853–1407 01670
FEATURES
• Independent registers for A and B buses
• Multiplexed real-time and stored data
• Choice of non-inverting and inverting data paths
• 3-State outputs
• The -1 versions sinks 48mA I
OL within the ±5% VCC range
DESCRIPTION
The 74LAS651 and 74ALS652 transceivers/registers consist of bus
transceiver circuits with 3-State outputs, D-type flip-flops, and
control circuitry arranged for multiplexed transmission of data
directly from the input bus or the internal registers. Data on the A or
B bus will be clocked into the registers as the appropriate clock pin
goes High. Output enable (OEAB, OEBA) and select (SAB, SBA)
pins are provided for bus management. The 74LAS651-1 and
74ALS652-1 will sink 48mA if the VCC is limited to 5.0V ± 0.25V.
TYPE
TYPICAL
fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS651/74ALS651-1
140MHz
40mA
74ALS652/74ALS652-1
140MHz
46mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
DRAWING
NUMBER
24-pin plastic DIP
74ALS651N, 74ALS651-1N,
74ALS652N, 74ALS652-1N
SOT222-1
24-pin plastic SOL
74ALS651D, 74ALS651-1D,
74ALS652D, 74ALS652-1D
SOT137-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74ALS (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0 – A7
A inputs
1.0/1.0
70
µA/0.1mA
B0 – B7
B inputs
1.0/1.0
70
µA/0.1mA
CPAB
A-to-B clock input
1.0/1.0
20
µA/0.1mA
CPBA
B-to-A clock input
1.0/1.0
20
µA/0.1mA
SAB
A-to-B select input
1.0/1.0
20
µA/0.1mA
SBA
B-to-A select input
1.0/1.0
20
µA/0.1mA
OEAB
A-to-B output enable input
1.0/1.0
20
µA/0.1mA
OEBA
B-to-A output enable input
1.0/1.0
20
µA/0.1mA
A0 – A7, B0 – B7
A, B outputs
750/240
15mA/24mA
A0 – A7, B0 – B7
A, B outputs (-1 version)
750/480
15mA/48mA
NOTE:
One (1.0) ALS unit load is defined as: 20
µA in the High state and 0.1mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com