Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-CLIP Datasheet(PDF) 4 Page - Precid-Dip Durtal SA

Part # 813-CLIP
Description  PRECISE, RELIABLE, AND COST EFFECTIVE STANDARD SOLUTIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

813-CLIP Datasheet(HTML) 4 Page - Precid-Dip Durtal SA

  813-CLIP Datasheet HTML 1Page - Precid-Dip Durtal SA 813-CLIP Datasheet HTML 2Page - Precid-Dip Durtal SA 813-CLIP Datasheet HTML 3Page - Precid-Dip Durtal SA 813-CLIP Datasheet HTML 4Page - Precid-Dip Durtal SA 813-CLIP Datasheet HTML 5Page - Precid-Dip Durtal SA 813-CLIP Datasheet HTML 6Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRECI-DIP SA Rue Saint-Henri 11 CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00 FAX +41 (0)32 421 04 01 E-MAIL sales@precidip.com www.precidip.com
PRECI-DIP HIGH RELIABILITY SPRING PIN SERIES
SERIES 0900-CLIP
&
SERIES 811/813-CLIP
To increase its line of catalogue products, PRECI-DIP has created a new line of spring
loaded contacts with an integrated multi-finger clip:
This new line of products have been designed to fit with most of applications, length of
the contact is adaptive according your working range from 4.5 mm up to 8.5 mm. Base
diameter is only 1.83 mm which allows to implant it with pitch of 0.1’ (2.54mm).
On the next page, you can see all the technical details to help you choose the best
contact or connector for your application.
8.5mm
4.5mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com