Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-CLIP Datasheet(PDF) 2 Page - Precid-Dip Durtal SA

Part # 813-CLIP
Description  PRECISE, RELIABLE, AND COST EFFECTIVE STANDARD SOLUTIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

813-CLIP Datasheet(HTML) 2 Page - Precid-Dip Durtal SA

  813-CLIP Datasheet HTML 1Page - Precid-Dip Durtal SA 813-CLIP Datasheet HTML 2Page - Precid-Dip Durtal SA 813-CLIP Datasheet HTML 3Page - Precid-Dip Durtal SA 813-CLIP Datasheet HTML 4Page - Precid-Dip Durtal SA 813-CLIP Datasheet HTML 5Page - Precid-Dip Durtal SA 813-CLIP Datasheet HTML 6Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.precidip.com
ADVANTAGES OF SPRING LOADED CONTACTS
Spring loaded contacts facilitate blind mating requirements, are more tolerant to
misaligned and non-coplanar mating conditions, and capable of achieving up to one
million mating cycles.
CLIP TECHNOLOGY IN SPRING LOADED CONTACTS
With many years of experiences in spring loaded contacts manufacturing, PRECI-DIP
has developed a unique patented design with integrated multi-finger clip, which
establishes high-reliability and electrical continuity between bodies and pistons. It also
ensures low, stable electrical resistance value without micro-discontinuities, even
when the piston is moving or exposed to intensive shocks and vibration.
Want to know more? Watch the video.
Accepts important
positioning
tolerances of the
connectors
Connects
surfaces non-
perpendicular to
the contact axis
Compensates
errors of
parallelism and
flatness
Connects pivoting
or
rotating
elements
Connects with
sliding mating
action (push &
lock)
Suitable
for
blind mating
Multi-Finger elastic
clip
Rigid Sliding Piston
Fixed body
CLIP establishes a reliable and
efficient connection between body
and piston.
Compliant to:
- Shock and Vibration up to 2000Hz
- Current up to 5A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com