Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLRYG31... Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VLRYG31...
Description  Reverse Gullwing SMD LED Yellow
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLRYG31... Datasheet(HTML) 6 Page - Vishay Siliconix

  VLRYG31... Datasheet HTML 1Page - Vishay Siliconix VLRYG31... Datasheet HTML 2Page - Vishay Siliconix VLRYG31... Datasheet HTML 3Page - Vishay Siliconix VLRYG31... Datasheet HTML 4Page - Vishay Siliconix VLRYG31... Datasheet HTML 5Page - Vishay Siliconix VLRYG31... Datasheet HTML 6Page - Vishay Siliconix VLRYG31... Datasheet HTML 7Page - Vishay Siliconix VLRYG31... Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VLRYG31...
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 03-May-2021
6
Document Number: 80249
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
REEL DIMENSIONS in millimeters
SOLDERING PROFILE
Fig. 9 - Vishay Lead (Pb)-free Reflow Soldering Profile
(according to J-STD-020C)
Fig. 10 - Double Wave Soldering of Opto Devices (all Packages)
21067
19885-2
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
IR Reflow Soldering Profile for Lead (Pb)-Free Soldering
Preconditioning according to JEDEC level 2
max. 2 cycles allowed
255 °C
948626-1
10
100
1000
10000
0
100
200
300
0
50
100
150
200
250
TTW Soldering (according to CECC00802)
Time (s)
50
150
250
2 K/s
Second
wave
First wave
5 s
Full line: typical
Dotted lines:
process limits
Lead temperature
235 °C to
260 °C
100 °C to
130 °C
ca. 200 K/s
Forced cooling
ca. 5 K/s
ca. 2 K/s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com