Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLRYG31... Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VLRYG31...
Description  Reverse Gullwing SMD LED Yellow
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLRYG31... Datasheet(HTML) 7 Page - Vishay Siliconix

  VLRYG31... Datasheet HTML 1Page - Vishay Siliconix VLRYG31... Datasheet HTML 2Page - Vishay Siliconix VLRYG31... Datasheet HTML 3Page - Vishay Siliconix VLRYG31... Datasheet HTML 4Page - Vishay Siliconix VLRYG31... Datasheet HTML 5Page - Vishay Siliconix VLRYG31... Datasheet HTML 6Page - Vishay Siliconix VLRYG31... Datasheet HTML 7Page - Vishay Siliconix VLRYG31... Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
VLRYG31...
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 03-May-2021
7
Document Number: 80249
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BARCODE PRODUCT LABEL (example)
A. 2D barcode
B. Part No: Vishay part number
C. QTY: Quantity
D. SelCode: selection bin code
E. Country of origin
F. PTC: Production plant code
G. Termination finish
H. Region code
I. Serial#: Serial number
K. Batch Number: year, week, country code, plant code
l. SL: Sales location
M. Environmental Symbols: RoHS, Pb free, halogen free
N. Lot numbers
DRY PACKING
The reel is packed in an anti-humidity bag to protect the
devices from absorbing moisture during transportation and
storage.
FINAL PACKING
The sealed reel is packed into a cardboard box. A secondary
cardboard box is used for shipping purposes.
RECOMMENDED METHOD OF STORAGE
Dry box storage is recommended as soon as the aluminum
bag has been opened to prevent moisture absorption. The
following conditions should be observed, if dry boxes are
not available:
• Storage temperature 10 °C to 30 °C
• Storage humidity
≤ 60 % RH max.
After more than one year under these conditions moisture
content will be too high for reflow soldering.
In case of moisture absorption, the devices will recover to
the former condition by drying under the following condition:
192 h at 40 °C + 5 °C / - 0 °C and < 5 % RH (dry air /
nitrogen) or
96 h at 60 °C + 5 °C and < 5 % RH for all device containers
or
24 h at 100 °C + 5 °C not suitable for reel or tubes.
An EIA JEDEC standard JESD22-A112 level 2 label is
included on all dry bags.
BAR CODE
Example of JESD22-A112 Level 2 Label
ESD PRECAUTION
Proper storage and handling procedures should be followed
to prevent ESD damage to the devices especially when they
are removed from the antistatic shielding bag. Electrostatic
sensitive devices warning labels are on the packaging.
VISHAY SEMICONDUCTORS STANDARD
BAR CODE LABELS
The Vishay Semiconductors standard bar code labels are
printed at final packing areas. The labels are on each
packing unit and contain Vishay Semiconductors specific
data.
Part No: VLRYG31P1Q2-GS08
QTY:
2000
SelCode: Q2-Y
Origin MALAYSIA Machine:01
PTC: 63
Lot1: XXXXXXXXXX
Lot2:
Batch: YYYYWWOOPP
Region: 2315
SL: 0010
Serial#: XXXXXXXXXXXX
Operator:
ChkD:
VISHAY
H/F
e3
A
B
C
D
E
F
G
H
K
M
L
N
I
Aluminum bag
Label
Reel
15973
17028



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com