Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88172L Datasheet(PDF) 2 Page - ASIX Electronics Corporation

Part # AX88172L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172L Datasheet(HTML) 2 Page - ASIX Electronics Corporation

  AX88172L Datasheet HTML 1Page - ASIX Electronics Corporation AX88172L Datasheet HTML 2Page - ASIX Electronics Corporation AX88172L Datasheet HTML 3Page - ASIX Electronics Corporation AX88172L Datasheet HTML 4Page - ASIX Electronics Corporation AX88172L Datasheet HTML 5Page - ASIX Electronics Corporation AX88172L Datasheet HTML 6Page - ASIX Electronics Corporation AX88172L Datasheet HTML 7Page - ASIX Electronics Corporation AX88172L Datasheet HTML 8Page - ASIX Electronics Corporation AX88172L Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ASIX ELECTRONICS CORPORATION
2
AX88172
PRELIMINARY
CONTENTS
1.0 INTRODUCTION....................................................................................................................... 4
1.1 GENERAL DESCRIPTION:............................................................................................................. 4
1.2 AX88172 BLOCK DIAGRAM:...................................................................................................... 4
1.3 AX88172 PIN CONNECTION DIAGRAM....................................................................................... 5
2.0 SIGNAL DESCRIPTION........................................................................................................... 6
3.0 EEPROM MEMORY MAPPING ............................................................................................ 9
4.0 USB COMMANDS ................................................................................................................... 11
4.1 USB STANDARD COMMANDS .................................................................................................... 11
4.2 USB VENDOR COMMANDS....................................................................................................... 12
5.0 USB CONFIGURATION STRUCTURE .............................................................................. 14
5.1 USB CONFIGURATION. ............................................................................................................. 14
5.2 USB INTERFACE....................................................................................................................... 14
5.3 USB ENDPOINTS. ..................................................................................................................... 14
6.0 ELECTRICAL SPECIFICATION AND TIMINGS ............................................................ 15
6.1 ABSOLUTE MAXIMUM RATINGS ............................................................................................... 15
6.2 GENERAL OPERATION CONDITIONS .......................................................................................... 15
6.3 DC CHARACTERISTICS ............................................................................................................. 15
6.4 A.C. TIMING CHARACTERISTICS............................................................................................... 16
6.4.1 12M_XIN ........................................................................................................................... 16
6.4.2 Reset Timing ...................................................................................................................... 16
6.4.3 MII Timing......................................................................................................................... 17
6.4.4 STATION MANAGEMENT TIMING................................................................................. 18
6.4.5 SERIAL EEPROM TIMING .............................................................................................. 19
7.0 PACKAGE INFORMATION.................................................................................................. 20
APPENDIX A: SYSTEM APPLICATIONS ................................................................................ 21
A.1 USB TO FAST ETHERNET CONVERTER .................................................................................... 21
A.2 USB TO FAST ETHERNET AND/OR HOMELAN COMBO SOLUTION ........................................... 21
DEMONSTRATION CIRCUIT A: AX88172 (ED2 VERSION) + ETHERNET PHY(8201L)
........................................................................................................................................................... 22
DEMONSTRATION CIRCUIT B: AX88172 (ED3 VERSION) + ETHERNET PHY
(8201LBL) ........................................................................................................................................ 24
REMARK: ....................................................................................................................................... 26
REVISIONS HISTORY ................................................................................................................. 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com