Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88172L Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88172L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172L Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88172L Datasheet HTML 1Page - ASIX Electronics Corporation AX88172L Datasheet HTML 2Page - ASIX Electronics Corporation AX88172L Datasheet HTML 3Page - ASIX Electronics Corporation AX88172L Datasheet HTML 4Page - ASIX Electronics Corporation AX88172L Datasheet HTML 5Page - ASIX Electronics Corporation AX88172L Datasheet HTML 6Page - ASIX Electronics Corporation AX88172L Datasheet HTML 7Page - ASIX Electronics Corporation AX88172L Datasheet HTML 8Page - ASIX Electronics Corporation AX88172L Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ASIX ELECTRONICS CORPORATION
Frist Released Date: Dec/20/2001
2F, NO.13, Industry East Rd. II, Science-based Industrial Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
AX88172 L
USB to Fast Ethernet/HomePNA Controller
USB to Fast Ethernet/HomePNA Controller
Document No.: AX172-4/ V1.4 / DEC, 20/02
Features
•
Single chip USB to 10/100Mbps Fast Ethernet and
1/10Mbps HomePNA and HomePlug Network
Controller
•
Compliant with USB specification 1.0 and 1.1 and
2.0
•
Full/High Speed USB Device with bus power
capability
•
Support 4 endpoints on USB
•
IEEE 802.3u 100BASE-T, TX, and T4 Compatible
•
Embedded 7K*16 bit SRAM, 256*16 bit SRAM
and 8 FIFOs
•
Support both full-duplex or half-duplex operation
on Fast Ethernet
•
Provides a MII port for both Ethernet and
HomePNA/ HomePlug PHY interface
•
Supports suspended mode and remote wakeup
(link_up or magic packet or external pin)
•
Optional PHY power down mode for power saving
•
Support
(94c56/93c66)
256/512
bytes
serial
EEPROM (used for saving USB Descriptors)
•
Support automatic loading of Ethernet ID, USB
Descriptors
and
Adapter
Configuration
from
EEPROM on power-on initialization
•
External PHY loop-back diagnostic capability
•
Small form factor with 80-pin LQFP package
•
Single 12MHz clock input, pure 3.3V operation
*IEEE is a registered trademark of the Institute of Electrical and
Electronic Engineers, Inc.
*All other trademarks and registered trademark are the property of their
respective holders.
Product description
The AX88172 USB to Fast Ethernet/HomePNA/HomePlug Controller is a high performance and highly integrated
Controller with embedded 7K*16 bit SRAM. The AX88172 contains a USB interface to host CPU and compliant with
USB Standard V1.0, V1.1 and V2.0. The AX88172 could be used for both 10M/100Mbps Fast Ethernet function based on
IEEE802.3 / IEEE802.3u LAN standard and 1M/10M HomePNA standard. The AX88172 supports media-independent
interface (MII) to simplify the design on implementing Fast Ethernet and HomePNA functions.
System Block Diagram
Always contact ASIX for possible updates before starting a design.
This data sheet contains new products information. ASIX ELECTRONICS reserves the rights to modify product specification without notice. No
liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
AX88172
10/100 Mbps Ethernet
PHY/TxRx
MAGNETIC
RJ45
USB I/F
EEPROM
1/10 Mbps
Home LAN PHY
MAGNETIC
RJ11


Similar Part No. - AX88172L

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88172A ASIX-AX88172A Datasheet
913Kb / 45P
USB 2.0 to 10/100M Fast Ethernet Controller
AX88172ATF ASIX-AX88172ATF Datasheet
913Kb / 45P
USB 2.0 to 10/100M Fast Ethernet Controller
More results

Similar Description - AX88172L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KL5KUSB101 ETC1-KL5KUSB101 Datasheet
300Kb / 17P
USB to Ethernet Controller
logo
ASIX Electronics Corpor...
AX88178L ASIX-AX88178L Datasheet
218Kb / 35P
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
logo
List of Unclassifed Man...
KL5KUSB111 ETC1-KL5KUSB111 Datasheet
140Kb / 8P
USB to HomePNA
logo
ASIX Electronics Corpor...
AX88178 ASIX-AX88178 Datasheet
812Kb / 37P
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
AX88772 ASIX-AX88772 Datasheet
878Kb / 42P
USB to 10/100 Fast Ethernet/HomePNA Controller
logo
List of Unclassifed Man...
KL5KUSB121 ETC-KL5KUSB121 Datasheet
303Kb / 17P
USB to 10/100 Ethernet Controller
logo
ASIX Electronics Corpor...
AX88170L ASIX-AX88170L Datasheet
316Kb / 39P
USB to Fast Ethernet/HomePNA Controller
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
USB 2.0 to 10/100M Fast Ethernet Controller
AX88772 ASIX-AX88772_07 Datasheet
427Kb / 43P
USB to 10/100 Fast Ethernet/HomePNA Controller
logo
Infineon Technologies A...
ADM8511 INFINEON-ADM8511 Datasheet
7Mb / 109P
USB/Fast Ethernet/HomePNA Controller
Data Sheet, Rev. 2.03, Nov. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com