Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT162245 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVT162245
Description  2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162245 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVT162245 Datasheet HTML 2Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 3Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 4Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 5Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 6Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 7Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 8Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 9Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT162245
2.5V/3.3V 16-bit transceiver
with 30
Ω termination resistors (3-State)
1998 Feb 13
7
AC WAVEFORMS
NOTES:
1. VM = 1.5V at VCC w 3.0V, VM = VCC/2 at VCC v 2.7V
2. VX = VOL + 0.3V at VCC w 3.0V, VX = VOL + 0.1 . VCC at VCC v 2.7V
3. VY = VOH – 0.3V at VCC w 3.0V, VY = VOH – 0.1 . VCC at VCC v 2.7V
nAX OR nBX
INPUT
nAX OR nBX
OUTPUT
TPLH
TPHL
VM
0V
VM
VM
VM
VOH
VOL
SW00172
3.0V or VCC
whichever
is less
Waveform 1. Input to Output Propagation Delays
nOE
INPUT
TPZH
TPHZ
OUTPUT
VOH
OUTPUT
VOL
TPZL
TPLZ
0V
VX
VY
VM
VM
VM
VM
0V
SW00173
3.0V or VCC
whichever
is less
3.0V or
VCC
Waveform 2. 3-State Output Enable and Disable Times
TEST CIRCUIT AND WAVEFORMS
PULSE
GENERATOR
RT
VIN
D.U.T.
VOUT
CL
RL
VCC
RL
OPEN
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5V or VCC / 2, whichever is less
Input Pulse Definition
INPUT PULSE REQUIREMENTS
FAMILY
Amplitude
Rep. Rate
tW
tR
tF
74ALVT16
GND
6V or
VCC x 2
SW00162
Test Circuit for 3-State Outputs
SWITCH POSITION
TEST
SWITCH
tPHZ/tPZH
GND
tPLZ/tPZL
6V or VCC x 2
tPLH/tPHL
open
DEFINITIONS
3.0V or VCC
whichever
is less
≤10MHz
500ns
≤2.5ns ≤2.5ns
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com