Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT162245 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVT162245
Description  2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162245 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVT162245 Datasheet HTML 1Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 2Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 3Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 4Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 5Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 6Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 7Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 8Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT162245
2.5V/3.3V 16-bit transceiver
with 30
Ω termination resistors (3-State)
1998 Feb 13
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
GND
VCC
GND
GND
VCC
2A5
2A4
VCC
2A3
2A2
GND
2A1
2A0
1A7
1A6
GND
1A5
1A4
VCC
1A3
1A2
GND
1A1
1A0
1OE
21
22
23
24
25
26
27
28
GND
2DIR
2OE
2A7
2A6
GND
SW00061
1DIR
1B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
2B0
2B1
2B2
2B3
2B4
2B5
2B6
2B7
SCHEMATIC OF EACH OUTPUT
VCC
VCC
OUTPUT
SW00206
27
Ω
27
Ω
LOGIC SYMBOL (IEEE/IEC)
∇ 1
2
∇
∇ 1
2
∇
48
47
46
G3
1
3 EN1 (BA)
3 EN2 (AB)
2
3
44
5
43
6
41
8
40
9
38
11
37
12
25
36
35
G3
24
3 EN1 (BA)
3 EN2 (AB)
13
14
33
16
32
17
30
19
29
20
27
22
26
23
SV00066
1B3
1B5
1B1
1B0
1B4
1B2
1DIR
1B7
2B0
1B6
2B1
2B3
2B2
2B4
2B5
2B6
2B7
2DIR
1A3
1A5
1A1
1A7
2A0
1A6
1A0
1A4
1A2
1OE
2A1
2A3
2A2
2A5
2A4
2A7
2A6
2OE
FUNCTION TABLE
INPUTS
INPUTS/OUTPUTS
nOE
nDIR
nAx
nBx
L
L
nAx = nBx
Inputs
L
H
Inputs
nBx = nAx
H
X
Z
Z
H = High voltage level
L
= Low voltage level
X = Don’t care
Z = High Impedance “off ” state



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com