Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C277LAB4100LH2J Datasheet(PDF) 10 Page - Kemet Corporation

Part # C277LAB4100LH2J
Description  C27, Cylindrical Plastic Case, 275 – 470 VAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C277LAB4100LH2J Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C277LAB4100LH2J Datasheet HTML 2Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 3Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 4Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 5Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 6Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 7Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 8Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 9Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3062_C27 • 9/9/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Motor Run Capacitors
C27, Cylindrical Plastic Case, 275 – 470 VAC
KEMET Electronics Corporation Sales Offices
For a complete list of our global sales offices, please visit www.kemet.com/sales.
Disclaimer
All product specifications, statements, information and data (collectively, the “Information”) in this datasheet are subject to change. The customer is responsible for
checking and verifying the extent to which the Information contained in this publication is applicable to an order at the time the order is placed. All Information given
herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied.
Statements of suitability for certain applications are based on KEMET Electronics Corporation’s (“KEMET”) knowledge of typical operating conditions for such
applications, but are not intended to constitute – and KEMET specifically disclaims – any warranty concerning suitability for a specific customer application or use.
The Information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. Any
technical advice inferred from this Information or otherwise provided by KEMET with reference to the use of KEMET’s products is given gratis, and KEMET assumes
no obligation or liability for the advice given or results obtained.
Although KEMET designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component
failures may still occur. Accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards
(such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury
or property damage.
Although all product–related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicated or that other
measures may not be required.
KEMET is a registered trademark of KEMET Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com