Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C277LAB4100LH2J Datasheet(PDF) 5 Page - Kemet Corporation

Part # C277LAB4100LH2J
Description  C27, Cylindrical Plastic Case, 275 – 470 VAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C277LAB4100LH2J Datasheet(HTML) 5 Page - Kemet Corporation

  C277LAB4100LH2J Datasheet HTML 1Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 2Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 3Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 4Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 5Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 6Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 7Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 8Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3062_C27 • 9/9/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Motor Run Capacitors
C27, Cylindrical Plastic Case, 275 – 470 VAC
Table 1 – Ratings & Part Number Reference cont.
Capacitance
Value (µF)
VAC
Maximum Dimensions (mm)
dV/dt
(V/µs)
Termination
Packaging
Quantity
Part Number
D
H
4
470
30
58.5
20
Unsheathed bipolar cable (tinned end)
110
C274ACF4400LF0J
5
470
30
58.5
20
Unsheathed bipolar cable (tinned end)
110
C274ACF4500LF0J
6
470
35
58.5
20
Unsheathed bipolar cable (tinned end)
86
C274ACF4600LF0J
8
470
35
58.5
20
Unsheathed bipolar cable (tinned end)
86
C274ACF4800LF0J
10
470
35
71.5
20
Unsheathed bipolar cable (tinned end)
86
C274ACF5100LF0J
12
470
35
71.5
20
Unsheathed bipolar cable (tinned end)
86
C274ACF5120LF0J
15
470
40
71.5
20
Unsheathed bipolar cable (tinned end)
60
C274ACF5150LF0J
20
470
45
71.5
20
Unsheathed bipolar cable (tinned end)
50
C274ACF5200LF0J
30
470
45
93
20
Unsheathed bipolar cable (tinned end)
50
C274ACF5300LF0J
35
470
50
93
20
Unsheathed bipolar cable (tinned end)
40
C274ACF5350LF0J
40
470
50
120
20
Unsheathed bipolar cable (tinned end)
40
C274ACF5400LF0J
1.5
470
25
58
15
Single faston
162
C276CC24150AA0J
2
470
25
58
15
Single faston
162
C276CC24200AA0J
2.5
470
25
58
15
Single faston
162
C276CC24250AA0J
3
470
25
58
15
Single faston
162
C276CC24300AA0J
3.15
470
25
58
15
Single faston
162
C276CC24315AA0J
4
470
25
58
15
Single faston
162
C276CC24400AA0J
5
470
25
58
15
Single faston
162
C276CC24500AA1J
6
470
30
56.5
15
Single faston
110
C276CC24600AA0J
6.3
470
30
56.5
15
Single faston
110
C276CC24630AA0J
7
470
30
56.5
15
Single faston
110
C276CC24700AA0J
8
470
35
56.5
15
Single faston
86
C276CC24800AA0J
9
470
35
56.5
15
Single faston
86
C276CC24900AA0J
10
470
35
56.5
15
Single faston
86
C276CC25100AA0J
11
470
35
56.5
15
Single faston
86
C276CC25110AA0J
12
470
35
73.5
15
Single faston
86
C276CC25120AA0J
12.5
470
35
73.5
15
Single faston
86
C276CC25125AA0J
14
470
35
73.5
15
Single faston
86
C276CC25140AA0J
15
470
35
73.5
15
Single faston
86
C276CC25150AA0J
16
470
35
73.5
15
Single faston
86
C276CC25160AA0J
18
470
40
73.5
15
Single faston
60
C276CC25180AA0J
20
470
40
73.5
15
Single faston
60
C276CC25200AA0J
25
470
45
74
15
Single faston
50
C276CC25250AA0J
30
470
45
74
15
Single faston
50
C276CC25300AA0J
35
470
45
93
15
Single faston
50
C276CC25350AA0J
40
470
45
94
15
Single faston
50
C276CC25400AA0J
60
470
50
120
15
Single faston
40
C276CC25600AA0J
1.5
470
25
56.5
15
Double faston
162
C276CC34150AA0J
2.5
470
25
58
15
Double faston
162
C276CC34250AA0J
3
470
25
58
15
Double faston
162
C276CC34300AA0J
3.15
470
25
58
15
Double faston
162
C276CC34315AA0J
4
470
25
58
15
Double faston
162
C276CC34400AA0J
5
470
30
56.5
15
Double faston
110
C276CC34500AA0J
6
470
30
56.5
15
Double faston
110
C276CC34600AA0J
6.3
470
30
56.5
15
Double faston
110
C276CC34630AA0J
7
470
30
56.5
15
Double faston
110
C276CC34700AA0J
8
470
35
56.5
15
Double faston
86
C276CC34800AA0J
10
470
35
56.5
15
Double faston
86
C276CC35100AA0J
11
470
35
56.5
15
Double faston
86
C276CC35110AA0J
12
470
35
74
15
Double faston
86
C276CC35120AA0J
12.5
470
35
73.5
15
Double faston
86
C276CC35125AA0J
14
470
35
73.5
15
Double faston
86
C276CC35140AA0J
15
470
35
73.5
15
Double faston
86
C276CC35150AA0J
16
470
35
74
15
Double faston
86
C276CC35160AA0J
17.5
470
40
73.5
15
Double faston
60
C276CC35175AA0J
18
470
40
73.5
15
Double faston
60
C276CC35180AA0J
20
470
40
74
15
Double faston
60
C276CC35200AA0J
22
470
40
73.5
15
Double faston
60
C276CC35220AA0J
25
470
40
94
15
Double faston
60
C276CC35250AA1J
30
470
45
74
15
Double faston
50
C276CC35300AA0J
31.5
470
45
93
15
Double faston
50
C276CC35315AA0J
35
470
45
93
15
Double faston
50
C276CC35350AA0J
Capacitance
Value (µF)
VAC
B (mm)
H (mm)
dV/dt
(V/µs)
Termination
Packaging
Quantity
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com