Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATECC608A Datasheet(PDF) 52 Page - Microchip Technology

Part # ATECC608A
Description  ATECC608A for LoRaWAN™ Data Sheet
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608A Datasheet(HTML) 52 Page - Microchip Technology

Back Button ATECC608A Datasheet HTML 48Page - Microchip Technology ATECC608A Datasheet HTML 49Page - Microchip Technology ATECC608A Datasheet HTML 50Page - Microchip Technology ATECC608A Datasheet HTML 51Page - Microchip Technology ATECC608A Datasheet HTML 52Page - Microchip Technology ATECC608A Datasheet HTML 53Page - Microchip Technology ATECC608A Datasheet HTML 54Page - Microchip Technology ATECC608A Datasheet HTML 55Page - Microchip Technology ATECC608A Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
Note: 
1.
KeyId specifies the OTP zone block to be used in the TempKey calculation.
Table 5-71. Output Response - GenDig OTP
Name
Size
Description
Response
1 byte
0x00 - If successful. Error code - If the command fails.
Notes:  Flag Bits
1.
TempKey.Valid flag will be set to 1 if successful, otherwise it is 0.
2.
TempKey.GenDigData will be set to 0.
Table 5-72. TempKey Calculation - GenDig OTP
32 bytes
1 byte
1 byte
2 bytes
1 byte
2 bytes
25 bytes
32 bytes
OTP Zone Block
Opcode = 0x15
Mode = 0x00
KeyID[0:1] = 0x0[block] 0x00
SN[8] = Varies by vendor
SN[0:1] = 0x01 0x23
All Zeros
TempKey.Value
5.3.4.3
GenDig - Data
Data from the Data zone slots can be included in the GenDig calculation. Data are always included in 32-byte blocks
and only the lowest block of a slot is included in the GenDig calculation. The Nonce command must be run prior to
the first GenDig command to load a value into TempKey. If the slot requires a random nonce, then the data must be
generated by the Nonce command versus passing it into the device. Subsequent GenDig commands will use the
value from the previous GenDig operation.
If a slot is set for NoMAC, then it is not allowed to use the output of this GenDig in a MAC command. If multiple
GenDigs are run, if any slot has NoMAC set, then the output in TempKey cannot be used in executing a MAC
command.
Table 5-73. Input Parameters - GenDig Data
Opcode
(1 Byte)
Mode
(1 Byte)
KeyID(1)
(2 Bytes)
Data
(0 or 4 Bytes)
Description
0x15
0x02
0x00 0[Slot] —
Use data from slot # in the calculation.
0x00 0[Slot] 4 bytes
Use data from slot # in the calculation and other data when using
a NoMAC key slot
Note: 
1.
KeyId specifies the Data zone slot to be used in the TempKey calculation. Only the lowest 32 bytes will be
used.
Table 5-74. Output Response - GenDig Data
Name
Size
Description
Response
1 byte
0x00 - If successful. Error code - If the command fails.
Notes:  Flag Bits
1.
TempKey.Valid flag will be set to 1 if successful, otherwise it is 0.
2.
TempKey.GenDigData will be set to 1 indicating a DataZone slot was used in the calculation.
3.
TempKey.KeyID will set to the slot specified in the command.
4.
TempKey.NoMacFlag will be set to 0 if the MAC command is allowed and 1 if it is not.
ATECC608A-TNGLoRaWAN
Device Commands
© 2020 Microchip Technology Inc.
Complete Datasheet
DS40002154B-page 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com