Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATECC608A Datasheet(PDF) 78 Page - Microchip Technology

Part # ATECC608A
Description  ATECC608A for LoRaWAN™ Data Sheet
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608A Datasheet(HTML) 78 Page - Microchip Technology

Back Button ATECC608A Datasheet HTML 73Page - Microchip Technology ATECC608A Datasheet HTML 74Page - Microchip Technology ATECC608A Datasheet HTML 75Page - Microchip Technology ATECC608A Datasheet HTML 76Page - Microchip Technology ATECC608A Datasheet HTML 77Page - Microchip Technology ATECC608A Datasheet HTML 78Page - Microchip Technology ATECC608A Datasheet HTML 79Page - Microchip Technology ATECC608A Datasheet HTML 80Page - Microchip Technology ATECC608A Datasheet HTML 81Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 78 / 81 page
background image
Product Identification System
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
-X
Device
Package Type Tape and Reel
Device:
TTI Base Part #: ATECC608A-TNGLORA
Actility Base Part #: ATECC608A-TNGACT
Pre-configured Cryptographic Co-processor with secure hardware-based key storage for
LoRa
® Wide Area Networks
Package Options
U 8-Pad 2 mm x 3 mm x 0.6 mm Body, Thermally Enhanced Plastic Ultra Thin Dual Flat,
No Lead Package (UDFN)
S 8-Lead (0.150” Wide Body), Plastic Gull Wing Small Outline (JEDEC
® SOIC)
Tape and Reel Options G 2k Reel
C 100 Unit Reel
B 10 Unit Bulk-Prototype units
Table 14-1. Device Ordering codes arranged by LoRa Network Provider
The Things Industry (TTI) Device Ordering Codes
• ATECC608A-TNGLORAU-G: Trust&GO LoRaWAN, Provisioned, 8-UDFN, I2C, 2K Reel
• ATECC608A-TNGLORAU-C: Trust&GO LoRaWAN, Provisioned, 8-UDFN, I2C, 100 Unit Reel
• ATECC608A-TNGLORAU-B: Trust&GO LoRaWAN, Prototyping, 8-UDFN, I2C, 10 Unit Bulk
• ATECC608A-TNGLORAS-G: Trust&GO LoRaWAN, Provisioned, 8-SOIC, I2C, 2K Reel
• ATECC608A-TNGLORAS-C: Trust&GO LoRaWAN, Provisioned, 8-SOIC, I2C, 100 Unit Reel
• ATECC608A-TNGLORAS-B: Trust&GO LoRaWAN, Prototyping, 8-SOIC, I2C, 10 Unit Bulk
Actility Device Ordering Codes
• ATECC608A-TNGACTU-G: Trust&GO LoRaWAN, Provisioned, 8-UDFN, I2C, 2K Reel
• ATECC608A-TNGACTU-C: Trust&GO LoRaWAN, Provisioned, 8-UDFN, I2C, 100 Unit Reel
• ATECC608A-TNGACTU-B: Trust&GO LoRaWAN, Prototyping, 8-UDFN, I2C, 10 Unit Bulk
• ATECC608A-TNGACTS-G: Trust&GO LoRaWAN, Provisioned, 8-SOIC, I2C, 2K Reel
• ATECC608A-TNGACTS-C: Trust&GO LoRaWAN, Provisioned, 8-SOIC, I2C, 100 Unit Reel
• ATECC608A-TNGACTS-B: Trust&GO LoRaWAN, Prototyping, 8-SOIC, I2C, 10 Unit Bulk
Note: 
1.
Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering
purposes and is not printed on the device package. Check with your Microchip Sales Office for package
availability with the Tape and Reel option.
Microchip Devices Code Protection Feature
Note the following details of the code protection feature on Microchip devices:
• Microchip products meet the specifications contained in their particular Microchip Data Sheet.
• Microchip believes that its family of products is secure when used in the intended manner and under normal
conditions.
• There are dishonest and possibly illegal methods being used in attempts to breach the code protection features
of the Microchip devices. We believe that these methods require using the Microchip products in a manner
ATECC608A-TNGLoRaWAN
© 2020 Microchip Technology Inc.
Complete Datasheet
DS40002154B-page 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com