Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1502 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1502
Description  High-Precision Buffered Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1502 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1502 Datasheet HTML 17Page - Microchip Technology MCP1502 Datasheet HTML 18Page - Microchip Technology MCP1502 Datasheet HTML 19Page - Microchip Technology MCP1502 Datasheet HTML 20Page - Microchip Technology MCP1502 Datasheet HTML 21Page - Microchip Technology MCP1502 Datasheet HTML 22Page - Microchip Technology MCP1502 Datasheet HTML 23Page - Microchip Technology MCP1502 Datasheet HTML 24Page - Microchip Technology MCP1502 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
 2021 Microchip Technology Inc. and its subsidiaries
DS20006593A-page 21
MCP1502
Microchip Technology Drawing C04-028C (CH) Sheet 2 of 2
6-Lead Plastic Small Outline Transistor (CH, CHY) [SOT-23]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
protrusions shall not exceed 0.25mm per side.
1.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
2.
Notes:
REF: Reference Dimension, usually without tolerance, for information purposes only.
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or
Dimensioning and tolerancing per ASME Y14.5M
Foot Angle
Number of Leads
Pitch
Outside lead pitch
Overall Height
Molded Package Thickness
Standoff
Overall Width
Molded Package Width
Overall Length
Foot Length
Footprint
Lead Thickness
Lead Width
L1
φ
b
c
Dimension Limits
E
E1
D
L
e1
A
A2
A1
Units
N
e
0.08
0.20
-
-
-
10°
0.26
0.51
MILLIMETERS
0.95 BSC
1.90 BSC
0.30
0.90
0.89
0.00
0.60 REF
2.90 BSC
0.45
2.80 BSC
1.60 BSC
1.15
-
-
MIN
6
NOM
1.45
1.30
0.15
0.60
MAX
Seating Plane to Gauge Plane
L1
0.25 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com